Electronic Components Datasheet Search
  English  ▼

X  

LT1111CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1111CS8
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1111CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1111CS8 Datasheet HTML 8Page - Linear Technology LT1111CS8 Datasheet HTML 9Page - Linear Technology LT1111CS8 Datasheet HTML 10Page - Linear Technology LT1111CS8 Datasheet HTML 11Page - Linear Technology LT1111CS8 Datasheet HTML 12Page - Linear Technology LT1111CS8 Datasheet HTML 13Page - Linear Technology LT1111CS8 Datasheet HTML 14Page - Linear Technology LT1111CS8 Datasheet HTML 15Page - Linear Technology LT1111CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1111
S
APPLICATI
I FOR ATIO
L1
LT1111 • F08
GND
SW2
FB
SW1
LIM
I
IN
V
D1
A0
VOUT
R2
VOUT =
1.25V + 0.6V
R1
R2
( )
R1
2N3906
–VIN
+
C1
LT1111
+
C2
Figure 8. Negative-to-Positive Converter
Using the ILIM Pin
The LT1111 switch can be programmed to turn off at a set
switch current, a feature not found on competing devices.
This enables the input to vary over a wide range without
exceeding the maximum switch rating or saturating the
inductor. Consider the case wh
ere analysis shows the
LT1111 must operate at an 800mA peak switch current
with a 2V input. If VIN rises to 4V, the peak switch current
will rise to 1.6A, exceeding the maximum switch current
rating. With the proper resistor selected (see the “Maxi-
mum Switch Current vs ILIM” characteristic), the switch
current will be limited to 800mA, even if the input voltage
increases.
Another situation where the ILIM feature is useful occurs
when the device goes into continuous mode operation.
This occurs in step-up mode when:
V
V
VV
DC
OUT
DIODE
IN
SW
+
−
<
−
1
1
25
()
When the input and output voltages satisfy this relation-
ship, inductor current does not go to zero during the
switch OFF time. When the switch turns on again, the
current ramp starts from the non-zero current level in the
inductor just prior to switch turn-on. As shown in Figure
9, the inductor current increases to a high level before the
comparator turns off the oscillator. This high current can
cause excessive output ripple and requires oversizing the
output capacitor and inductor. With the ILIM feature,
however, the switch current turns off at a programmed
level as shown in Figure 10, keeping output ripple to a
minimum.
LT1111 • F09
I
OFF
L
ON
SWITCH
Figure 9. No Current Limit Causes Large Inductor
Current Build-Up
LT1111 • F10
I
ON
L
OFF
SWITCH
PROGRAMMED CURRENT LIMIT
Figure 10. Current Limit Keeps Inductor Current Under Control
Figure 11 details current limit circuitry. Sense transistor
Q1, whose base and emitter are paralleled with power
switch Q2, is ratioed such that approximately 0.5% of
Q2’s collector current flows in Q1’s collector. This current
is passed through internal 80
Ω resistor R1 and out
through the ILIM pin. The value of the external resistor
connected between ILIM and VIN sets the current limit.
When sufficient switch current flows to develop a VBE
across R1 + RLIM, Q3 turns on and injects current into the
oscillator, turning off the switch. Delay through this cir-
cuitry is approximately 1
µs. The current trip point be-
comes less accurate for switch ON times less than 3
µs.
Resistor values programming switch ON time for 1
µs or
less will cause spurious response in the switch circuitry
although the device will still maintain output regulation.
LT1111 • F11
SW2
SW1
DRIVER
OSCILLATOR
VIN
ILIM
R1
80
Ω
(INTERNAL)
RLIM
(EXTERNAL)
Q1
Q2
Q3
Figure 11. LT1111 Current Limit Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com