Electronic Components Datasheet Search
  English  ▼

X  

LT1124 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1124
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1124 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1124 Datasheet HTML 6Page - Linear Technology LT1124 Datasheet HTML 7Page - Linear Technology LT1124 Datasheet HTML 8Page - Linear Technology LT1124 Datasheet HTML 9Page - Linear Technology LT1124 Datasheet HTML 10Page - Linear Technology LT1124 Datasheet HTML 11Page - Linear Technology LT1124 Datasheet HTML 12Page - Linear Technology LT1124 Datasheet HTML 13Page - Linear Technology LT1124 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1124/LT1125
S
APPLICATI
TYPICAL
Gain 1000 Amplifier with 0.01% Accuracy, DC to 1Hz
Gain Error vs Frequency Closed-Loop Gain = 1000
–
+
OUTPUT
1124/25 TA03
365
Ω
1%
INPUT
15k
5%
340k
1%
20k
TRIM
15V
1/2 LT1124
–15V
RN60C FILM RESISTORS
THE HIGH GAIN AND WIDE BANDWIDTH OF THE LT1124/LT1125, IS USEFUL IN LOW
FREQUENCY HIGH CLOSED-LOOP GAIN AMPLIFIER APPLICATIONS. A TYPICAL
PRECISION OP AMP MAY HAVE AN OPEN-LOOP GAIN OF ONE MILLION WITH 500kHz
BANDWIDTH. AS THE GAIN ERROR PLOT SHOWS, THIS DEVICE IS CAPABLE OF 0.1%
AMPLIFYING ACCURACY UP TO 0.3Hz ONLY. EVEN INSTRUMENTATION RANGE
SIGNALS CAN VARY AT A FASTER RATE. THE LT1124/LT1125 “GAIN PRECISION —
BANDWIDTH PRODUCT” IS 75 TIMES HIGHER, AS SHOWN.
4
7 (SO-8)
1 (N8)
6 (S0-8)
8 (N8)
3
2
FREQUENCY (Hz)
0.01
0.1
1.0
0.1
10
100
1124/25 TA04
0.001
1
GAIN ERROR =
CLOSED-LOOP GAIN
OPEN-LOOP GAIN
TYPICAL
PRECISION
OP AMP
LT1124/LT1125
Table 2. Guaranteed Performance, VS = ±15V, TA = 25°C, Low Cost Devices
LT1124CN8
PARAMETER/UNITS
LT1125CN
OP-27 GP
OP-270 GP
OP-470 GP
UNITS
Voltage Noise, 1kHz
4.2
4.5
–
5.0
nV/
√Hz
100% Tested
Sample Tested
No Limit
Sample Tested
Slew Rate
2.7
1.7
1.7
1.4
V/
µs
100% Tested
Not Tested
Gain Bandwidth Product
8.0
5.0
–
–
MHz
100% Tested
Not Tested
No Limit
No Limit
Offset Voltage
LT1124
100
100
250
–
µV
LT1125
140
–
–
1000
µV
Offset Current
LT1124
20
75
20
–
nA
LT1125
30
–
–
30
nA
Bias Current
30
80
60
60
nA
Supply Current/Amp
2.75
5.67
3.25
2.75
mA
Voltage Gain, RL = 2k
1.5
0.7
0.35
0.4
V/
µV
Common Mode Rejection Ratio
106
100
90
100
dB
Power Supply Rejection Ratio
110
94
104
105
dB
SO-8 Package
Yes - LT1124
Yes
No
–
Table 2 summarizes the performance of the LT1124/
LT1125 compared to the low cost grades of alternate
approaches.
The comparison shows how the specs of the LT1124/
LT1125 not only stand up to the industry standard OP-27,
but in most cases are superior. Normally dual and quad
performance is degraded when compared to singles, for
the LT1124/LT1125 this is not the case.
PERFOR A CE CO PARISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com