Electronic Components Datasheet Search
  English  ▼

X  

UPD75112FGF Datasheet(PDF) 12 Page - NEC

Part # UPD75112FGF
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75112FGF Datasheet(HTML) 12 Page - NEC

Back Button UPD75112FGF Datasheet HTML 8Page - NEC UPD75112FGF Datasheet HTML 9Page - NEC UPD75112FGF Datasheet HTML 10Page - NEC UPD75112FGF Datasheet HTML 11Page - NEC UPD75112FGF Datasheet HTML 12Page - NEC UPD75112FGF Datasheet HTML 13Page - NEC UPD75112FGF Datasheet HTML 14Page - NEC UPD75112FGF Datasheet HTML 15Page - NEC UPD75112FGF Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
12
µPD75108F,75112F,75116F
3.5
PRECAUTIONS CONCERNING P00/INT4 PIN AND RESET PIN
In addition to the functions shown in 3.1 and 3.2, the P00/INT4 pin and RESET pin are also used to set the test
mode for testing internal
µPD75116F operation (for IC testing).
The test mode is set when a voltage greater than VDD is applied to either of these pins. Consequently, if noise
exceeding VDD is applied during normal operation, the test mode may be entered, making it impossible for normal
operation to continue.
If, for example, inter-wiring noise is applied to the P00/INT4 or RESET pin due to the length of the wiring from
these pins, and the pin voltage exceeds VDD, misoperation may result.
Wiring should therefore be carried out so that interwiring noise is suppressed as far as possible. If it is completely
impossible to suppress noise, noise prevention measures should be taken using an external component as shown
below.
q
q
Capacitor connected between
P00/INT4 or RESET and VDD
q
q
Diode with small VF (0.3 V or less) connected
between P00/INT4 or RESET and VDD
VDD
VDD
P00/INT4, RESET
Diode with
small VF
VDD
VDD
P00/INT4, RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com