Electronic Components Datasheet Search
  English  ▼

X  

UPD75208 Datasheet(PDF) 39 Page - NEC

Part # UPD75208
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75208 Datasheet(HTML) 39 Page - NEC

Back Button UPD75208 Datasheet HTML 35Page - NEC UPD75208 Datasheet HTML 36Page - NEC UPD75208 Datasheet HTML 37Page - NEC UPD75208 Datasheet HTML 38Page - NEC UPD75208 Datasheet HTML 39Page - NEC UPD75208 Datasheet HTML 40Page - NEC UPD75208 Datasheet HTML 41Page - NEC UPD75208 Datasheet HTML 42Page - NEC UPD75208 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
39
µPD75208
(30 + 5.5 V)2
40 k
Ω
× 10 = 315 mW
× 2 V × 10 mA × 4 = 53 mW
10
15
*1. Calculation of total loss
Design so that the sum of the following three power consumption values for the
µPD75208CW/GF will be less
than the total loss PT (It is recommended to use the system with 80 % or less of the rating).
Œ CPU loss
: Given as VDD (MAX.)
× IDD1 (MAX.)
 Output pin loss
: There are normal output pin loss and display output pin loss. It is necessary
to add a loss derived from the flow of maximum current to each output pin.
Ž Pull-down register loss : Power loss due to a pull-down resistor incorporated in the display output pin
by mask option.
Example
Suppose 4-LED output with 9SEG
× 11DIGIT, VDD = 5 V + 10 % and 4.19 MHz oscillation and let a maximum
of 3 mA, 15 mA and 10 mA flow to the segment pin, timing pin and LED output pin, respectively.
Further, let the voltage of fluorescent display tube (VLOAD voltage) be –30 V and normal voltage be small.
Œ
CPU loss : 5.5 V
× 9.0 mA = 49.5 mW

Pin loss
: Segment pin ..... 2 V
× 3 mA × 9 = 54 mW
Timing pin ......... 2 V
× 15 mA = 30 mW
LED output ........
Ž
Pull-down resistor loss ........
PT = Œ +  + Ž = 501.5 mW
In this example, the power consumption of 501.5 mW is less than the allowable total loss for the shrink
DIP package (600 mW). However, since the allowable total loss is 450 mW for the QFP package, it is
necessary to decrease power consumption by decreasing the number of on-chip pull-down resistors. In
this example, power consumption can be adjusted to 344 mW by incorporating pull-down resistors in
only 11 digit outputs and 4 segment outputs and externally mounting pull-down resistors to the 5
remaining segment outputs.
2. Except the system clock oscillator, display controller and timer/pulse generator.
3. The operating voltage range varies depending on the cycle time.
Refer to the section describing AC
characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com