Electronic Components Datasheet Search
  English  ▼

X  

LT1124AC Datasheet(PDF) 11 Page - Linear Technology

Part # LT1124AC
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1124AC Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1124AC Datasheet HTML 7Page - Linear Technology LT1124AC Datasheet HTML 8Page - Linear Technology LT1124AC Datasheet HTML 9Page - Linear Technology LT1124AC Datasheet HTML 10Page - Linear Technology LT1124AC Datasheet HTML 11Page - Linear Technology LT1124AC Datasheet HTML 12Page - Linear Technology LT1124AC Datasheet HTML 13Page - Linear Technology LT1124AC Datasheet HTML 14Page - Linear Technology LT1124AC Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1124/LT1125
(1/2 LT1124, 1/4 LT1125)
S
A
CHE
TI
I
CD AGRA
1124/25 SS
200
µA
100
µA
200
Ω
6k
200
Ω
6k
50
Ω
200
µA
V –
100
µA
V +
OUTPUT
Q11
Q2B
Q1B
Q1A
INVERTING
INPUT (–)
NONINVERTING
INPUT (+)
Q13
Q9
Q8
Q7
21k
21k
200pF
3.6k
3.6k
360
µA
V+
V+
20pF
35pF
900
Ω
400
Ω
67pF
Q2A
570
µA
Q25
20
Ω
20
Ω
V –
Q12
Q3
Q15
Q16
Q22
Q23
Q24
Q17
Q19
Q20
Q18
Q26
Q30
Q28
Q27
Q29
Q10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com