Electronic Components Datasheet Search
  English  ▼

X  

LT1114AMJ Datasheet(PDF) 9 Page - Linear Technology

Part # LT1114AMJ
Description  Dual/Quad Low Power Precision, Picoamp Input Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1114AMJ Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1114AMJ Datasheet HTML 4Page - Linear Technology LT1114AMJ Datasheet HTML 5Page - Linear Technology LT1114AMJ Datasheet HTML 6Page - Linear Technology LT1114AMJ Datasheet HTML 7Page - Linear Technology LT1114AMJ Datasheet HTML 8Page - Linear Technology LT1114AMJ Datasheet HTML 9Page - Linear Technology LT1114AMJ Datasheet HTML 10Page - Linear Technology LT1114AMJ Datasheet HTML 11Page - Linear Technology LT1114AMJ Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1112/LT1114
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
FREQUENCY (kHz)
1
16
20
24
28
10
100
1000
LT1112/14 • TPC30
12
8
4
0
VS = ±15V
VS = ±5V
TA = 25°C
RL = 10k
Large-Signal Transient Response
Small-Signal Transient Response
50
µs/DIV
2
µs/DIV
AV = +1
CL = 500pF
VS = ±15V
AV = +1
RF = 10k
CF = 100pF
VS = ±15V
Voltage Follower with Input Exceeding the Common-Mode Range (VS = ±5V)
Undistorted Output Voltage
vs Frequency
INPUT:
±5.2V Sine Wave
LT1112 Output
OP-297 Output
S
APPLICATI
I FOR ATIO
The LT1112 dual and LT1114 quad in the plastic and
ceramic DIP packages are pin compatible to and directly
replace such precision op amps as the OP-200, OP-297,
AD706 duals and OP-400, OP-497, AD704 quads with
improved price/performance.
The LT1112 in the S8 surface mount package has the
standard pin configuration, i.e., the same configuration as
the plastic and ceramic DIP packages.
The LT1114 quad is offered in the narrow 16-pin surface
mount package. All competitors are in the wide 16-pin
package which occupies 1.8 times the area of the narrow
package. The wide package is also 1.8 times thicker than
the narrow package.
The inputs of the LT1112/1114 are protected with back-to-
back diodes. In the voltage follower configuration, when
the input is driven by a fast large-signal pulse (>1V), the
input protection diodes effectively short the output to the
input during slewing, and a current, limited only by the
output short-circuit protection, will flow through the
diodes.
The use of a feedback resistor is recommended because
this resistor keeps the current below the short-circuit limit,
resulting in faster recovery and settling of the output.
The input voltage of the LT1112/1114 should never exceed
the supply voltages by more than a diode drop. However,
the example below shows that as the input voltage exceeds
the common-mode range, the LT1112’s output clips
cleanly, without any glitches or phase reversal. The OP-
297 exhibits phase reversal. The photos also illustrate that
both the input and output ranges of the LT1112 are within



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com