Electronic Components Datasheet Search
  English  ▼

X  

LT1166 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1166
Description  Power Output Stage Automatic Bias System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1166 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1166 Datasheet HTML 8Page - Linear Technology LT1166 Datasheet HTML 9Page - Linear Technology LT1166 Datasheet HTML 10Page - Linear Technology LT1166 Datasheet HTML 11Page - Linear Technology LT1166 Datasheet HTML 12Page - Linear Technology LT1166 Datasheet HTML 13Page - Linear Technology LT1166 Datasheet HTML 14Page - Linear Technology LT1166 Datasheet HTML 15Page - Linear Technology LT1166 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1166
RL = 8Ω
f = 8kHz
RL = 8Ω
f = 20kHz
Figure 20. Square Wave Response Into 8
Ω
Figure 21. 100W 20kHz Sine Wave and Its Distortion
FREQUENCY (Hz)
10
0.001
0.01
0.1
1k
100k
100
10k
LT1166 • F21
RL = 8Ω
POWER OUT = 100W
Figure 22. THD vs Frequency
APPLICATIONS INFORMATION
1166 • F20
1166 • F21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com