Electronic Components Datasheet Search
  English  ▼

X  

LT1158CS Datasheet(PDF) 15 Page - Linear Technology

Part # LT1158CS
Description  Half Bridge N-Channel Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1158CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1158CS Datasheet HTML 11Page - Linear Technology LT1158CS Datasheet HTML 12Page - Linear Technology LT1158CS Datasheet HTML 13Page - Linear Technology LT1158CS Datasheet HTML 14Page - Linear Technology LT1158CS Datasheet HTML 15Page - Linear Technology LT1158CS Datasheet HTML 16Page - Linear Technology LT1158CS Datasheet HTML 17Page - Linear Technology LT1158CS Datasheet HTML 18Page - Linear Technology LT1158CS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT1158
15
from a true short. This is done by using the current limit to
control cold filament current in conjunction with the self-
protection circuit of Figure 9. The reduced cold filament
current also extends the life of the filament.
A good guideline is to choose RSENSE to set ISC at approxi-
mately twice the steady state “on” current of the lamp(s).
tSHUTDOWN is then made long enough to guarantee that the
lamp filaments heat and drop out of current limit before the
enable capacitor discharges to the enable low threshold.
For a short circuit, the enable capacitor will continue to
discharge below the threshold, shutting down the top
MOSFET. The LT1158 will then go into the automatic
restart mode described in Self-Protection with Automatic
Restart above.
The time constant for an incandescent filament is tens of
milliseconds, which means that tSHUTDOWN will have to be
longer than in most other applications. This places in-
creased SOA demands on the MOSFET during a short
circuit, requiring that a larger than normal device be used.
A protected high current lamp driver application is shown
in Figure 18.
0.01
µF
LT1158 F10
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BOOST
T GATE DR
T GATE FB
T SOURCE
SENSE+
SENSE–
V+
B GATE DR
BOOST DR
V+
BIAS
ENABLE
FAULT
INPUT
GND
B GATE FB
LT1158
+
1N4148
10
µF
24k
1000pF
0.05
µF 1k
510
Ω
1N4148
1
2
3
4
8
7
6
5
LT1431
+
1000
µF
LOW ESR
500
µF
LOW ESR
RS
0.015
Ω
L1
22
µH
SHORT-CIRCUIT
CURRENT = 8A
200pF
+3.3V/6A
OUTPUT
5V TO 10V INPUT (USE LOGIC-LEVEL Q1, Q2)
8V TO 20V INPUT (USE STANDARD Q1, Q2
AND CONNECT BOOST DIODE TO PIN 1)
Q1
680k
+
0.1
µF
×
100
Ω
100
Ω
Q2
VP0300
INSERT FOR
ZERO POWER
SHUTDOWN
100k
CMOS
ON/OFF
2N2222
+–
100k
Q1, Q2: IRLZ44 (LOGIC-LEVEL)
IRFZ44 (STANDARD)
L1: HURRICANE LAB
HL-KK122T/BB
RS: VISHAY/DALE TYPE LVR-3
VISHAY/ULTRONIX RCS01, SM1
ISOTEK CORP. ISA-PLAN SMR
CONSTANT OFF TIME CURRENT MODE CONTROL LOOP
FREQUENCY =
WHERE tOFF ≈ 10µs
1
tOFF (
)
1 –
VOUT
VIN
4.99k
1%
1.62k
1%
Figure 10. High Efficiency 3.3V Step-Down Switching Regulator (Requires No Heatsinks)
APPLICATIONS INFORMATION
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com