Electronic Components Datasheet Search
  English  ▼

X  

LT1161CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1161CS
Description  Quad Protected High-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1161CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1161CS Datasheet HTML 4Page - Linear Technology LT1161CS Datasheet HTML 5Page - Linear Technology LT1161CS Datasheet HTML 6Page - Linear Technology LT1161CS Datasheet HTML 7Page - Linear Technology LT1161CS Datasheet HTML 8Page - Linear Technology LT1161CS Datasheet HTML 9Page - Linear Technology LT1161CS Datasheet HTML 10Page - Linear Technology LT1161CS Datasheet HTML 11Page - Linear Technology LT1161CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1161
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIONS
Protected Quad 2A Industrial Switch with Isolated Inputs and Fault Output
1
µF
1
µF
0.1
µF
+
+
1
µF
1
µF
RFD16N05
RFD16N05
RFD16N05
RFD16N05
5.1k
18k
5.1k
5.1k
5.1k
5.1k
2k
4N28
NEC PS2501-4
MM74HC266A
LT1161
1161 TA02
0.015
Ω
24V
24V
FAULT
OUTPUT
5.6V
1N5994B
INPUTS
0.015
Ω
0.015
Ω
0.015
Ω
GND
T1
IN1
T2
IN2
T3
IN3
T4
IN4
GND
V+
DS1
G1
DS2
G2
DS3
G3
DS4
G4
V+
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
LOAD
#1
50
µF
50V
100k
100k
100k
100k
LOAD
#2
LOAD
#3
LOAD
#4
+
+
+
2N3904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com