Electronic Components Datasheet Search
  English  ▼

X  

LT1167AI Datasheet(PDF) 15 Page - Linear Technology

Part # LT1167AI
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167AI Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1167AI Datasheet HTML 11Page - Linear Technology LT1167AI Datasheet HTML 12Page - Linear Technology LT1167AI Datasheet HTML 13Page - Linear Technology LT1167AI Datasheet HTML 14Page - Linear Technology LT1167AI Datasheet HTML 15Page - Linear Technology LT1167AI Datasheet HTML 16Page - Linear Technology LT1167AI Datasheet HTML 17Page - Linear Technology LT1167AI Datasheet HTML 18Page - Linear Technology LT1167AI Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LT1167
APPLICATIONS INFORMATION
Figure 6. “Roll Your Own” vs LT1167
“ROLL YOUR OWN”’ CIRCUIT
ERROR SOURCE
LT1167C CIRCUIT CALCULATION
CALCULATION
LT1167C “ROLL YOUR OWN”
Absolute Accuracy at TA = 25°C
Input Offset Voltage,
µV60µV/20mV
100
µV/20mV
3000
5000
Output Offset Voltage,
µV
(300
µV/100)/20mV
[(60
µV)(2)/100]/20mV
150
60
Input Offset Current, nA
[(450pA)(350/2)
Ω]/20mV
[(450pA)(350
Ω)/2]/20mV
4
4
CMR, dB
110dB
→[(3.16ppm)(5V)]/20mV
[(0.02% Match)(5V)]/20mV
790
500
Total Absolute Error
3944
5564
Drift to 85
°C
Gain Drift, ppm/
°C
(50ppm + 10ppm)(60
°C)
(100ppm/
°C Track)(60°C)
3600
6000
Input Offset Voltage Drift,
µV/°C
[(0.4
µV/°C)(60°C)]/20mV
[(1.6
µV/°C)(60°C)]/20mV
1200
4800
Output Offset Voltage Drift,
µV/°C[6µV/°C)(60°C)]/100/20mV
[(1.1
µV/°C)(2)(60°C)]/100/20mV
180
66
Total Drift Error
4980
10866
Resolution
Gain Nonlinearity, ppm of Full Scale
15ppm
10ppm
15
10
Typ 0.1Hz to 10Hz Voltage Noise,
µVP-P
0.28
µVP-P/20mV
(0.3
µVP-P)(√2)/20mV
14
21
Total Resolution Error
29
31
Grand Total Error
8953
16461
G = 100, VS = ±15V
All errors are min/max and referred to input.
Table 1. “Roll Your Own” vs LT1167 Error Budget
ERROR, ppm OF FULL SCALE
Current Source
Figure 7 shows a simple, accurate, low power program-
mable current source. The differential voltage across Pins
2 and 3 is mirrored across RG. The voltage across RG is
amplified and applied across RX, defining the output
current. The 50
µA bias current flowing from Pin 5 is
buffered by the LT1464 JFET operational amplifier. This
has the effect of improving the resolution of the current
source to 3pA, which is the maximum IB of the LT1464A.
Replacing RG with a programmable resistor greatly
increases the range of available output currents.
–
+
350
Ω
350
Ω
350
Ω
350
Ω
10V
10k**
PRECISION BRIDGE TRANSDUCER
LT1167 MONOLITHIC
INSTRUMENTATION AMPLIFIER
G = 100, RG = ±10ppm TC
SUPPLY CURRENT = 1.3mA MAX
“ROLL YOUR OWN” INST AMP, G = 100
* 0.02 RESISTOR MATCH, 3ppm/
°C TRACKING
** DISCRETE 1% RESISTOR,
±100ppm/°C TC
100ppm TRACKING
SUPPLY CURRENT = 1.35mA FOR 3 AMPLIFIERS
1167 F06
RG
499
Ω
1/4
LT1114A
1/4
LT1114A
1/4
LT1114A
10k**
100
Ω**
10k*
10k*
10k*
10k*
LT1167C
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com