Electronic Components Datasheet Search
  English  ▼

X  

LT1125CS Datasheet(PDF) 14 Page - Linear Technology

Part # LT1125CS
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1125CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1125CS Datasheet HTML 8Page - Linear Technology LT1125CS Datasheet HTML 9Page - Linear Technology LT1125CS Datasheet HTML 10Page - Linear Technology LT1125CS Datasheet HTML 11Page - Linear Technology LT1125CS Datasheet HTML 12Page - Linear Technology LT1125CS Datasheet HTML 13Page - Linear Technology LT1125CS Datasheet HTML 14Page - Linear Technology LT1125CS Datasheet HTML 15Page - Linear Technology LT1125CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1124/LT1125
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
J Package
14-Lead CERDIP (Narrow 0.300, Hermetic)
(LTC DWG # 05-08-1110)
N Package
14-Lead PDIP (Narrow 0.300)
(LTC DWG # 05-08-1510)
J14 1197
0.045 – 0.068
(1.143 – 1.727)
0.100
± 0.010
(2.540
± 0.254)
0.014 – 0.026
(0.360 – 0.660)
0.200
(5.080)
MAX
0.015 – 0.060
(0.381 – 1.524)
0.125
(3.175)
MIN
0.300 BSC
(0.762 BSC)
0.008 – 0.018
(0.203 – 0.457)
0
° – 15°
1
23
4
56
7
0.220 – 0.310
(5.588 – 7.874)
0.785
(19.939)
MAX
0.005
(0.127)
MIN
14
11
8
9
10
13
12
0.025
(0.635)
RAD TYP
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS
N14 1197
0.020
(0.508)
MIN
0.125
(3.175)
MIN
0.130
± 0.005
(3.302
± 0.127)
0.045 – 0.065
(1.143 – 1.651)
0.065
(1.651)
TYP
0.018
± 0.003
(0.457
± 0.076)
0.100
± 0.010
(2.540
± 0.254)
0.005
(0.125)
MIN
0.255
± 0.015*
(6.477
± 0.381)
0.770*
(19.558)
MAX
3
1
2
4
5
6
7
8
9
10
11
12
13
14
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.325
(7.620 – 8.255)
0.325
+0.035
–0.015
+0.889
–0.381
8.255
()
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com