Electronic Components Datasheet Search
  English  ▼

X  

MBR10100CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR10100CT
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR10100CT Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR10100CT Datasheet HTML 1Page - Diodes Incorporated MBR10100CT Datasheet HTML 2Page - Diodes Incorporated MBR10100CT Datasheet HTML 3Page - Diodes Incorporated MBR10100CT Datasheet HTML 4Page - Diodes Incorporated MBR10100CT Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MBR10100CT / MBRF10100CT
Document number: DS36378 Rev. 8 - 2
1of 5
www.diodes.com
December 2013
© Diodes Incorporated
MBR10100CT / MBRF10100CT
10A SCHOTTKY BARRIER RECTIFIER
Product Summary
MBR10100CT / MBRF10100CT (Per Leg)
Description and Applications
This Schottky Barrier Rectifier has been designed to meet the
general requirements of commercial applications. It is ideally suited for
use as:
Polarity Protection Diode
Re-Circulating Diode
Switching Diode
VRRM (V)
IO (A)
VF(MAX) (V)
@ +25°C
IR(MAX) (mA)
@ +25°C
100
5
0.84
0.05
Features and Benefits
Guard Ring Die Construction for Transient Protection.
High Surge Current Capability.
Low Forward Voltage Drop.
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: TO-220AB, ITO-220AB
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Below
Weight: TO-220AB – 1.95 grams (approximate)
ITO-220AB – 1.69 grams (approximate)
Ordering Information(Notes 4)
Part Number
Case
Packaging
MBR10100CT
TO-220AB
50 pieces/tube
MBRF10100CT-JT
ITO-220AB (Alternate)
50 pieces/tube
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
TO-220AB
Top View
ITO-220AB
Top View
Package Pin Out
Configuration
TO-220AB
Bottom View
ITO-220AB
Bottom View
MBRF10100CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 13 = 2013)
WW = Week (01 - 53)
MBR10100CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 13 = 2013)
WW = Week (01 - 53)
 
Green
YYWW
AB
MBR10100CT
YYWW
AB
MBRF10100CT


Similar Part No. - MBR10100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR10100CT DIODES-MBR10100CT Datasheet
64Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
logo
Micro Commercial Compon...
MBR10100CT MCC-MBR10100CT Datasheet
881Kb / 2P
10 Am p Schott ky Barrier Rectifier 80-100 Volts
logo
Vaishali Semiconductor
MBR10100CT VAISH-MBR10100CT Datasheet
83Kb / 3P
MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
logo
Vishay Siliconix
MBR10100CT VISHAY-MBR10100CT Datasheet
78Kb / 3P
Dual High-Voltage Schottky Rectifiers
24-Apr-03
logo
List of Unclassifed Man...
MBR10100CT ETC-MBR10100CT Datasheet
222Kb / 1P
10 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200Volts
More results

Similar Description - MBR10100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
10A SCHOTTKY BARRIER RECTIFIER
Rev 3
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com