Electronic Components Datasheet Search
  English  ▼

X  

LTC1744 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1744
Description  14-Bit, 50Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1744 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1744 Datasheet HTML 3Page - Linear Technology LTC1744 Datasheet HTML 4Page - Linear Technology LTC1744 Datasheet HTML 5Page - Linear Technology LTC1744 Datasheet HTML 6Page - Linear Technology LTC1744 Datasheet HTML 7Page - Linear Technology LTC1744 Datasheet HTML 8Page - Linear Technology LTC1744 Datasheet HTML 9Page - Linear Technology LTC1744 Datasheet HTML 10Page - Linear Technology LTC1744 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1744
1744f
TYPICAL PERFOR A CE CHARACTERISTICS
Averaged, 8192 Point FFT, Input
Frequency = 51MHz, – 20dB,
2V Range
Averaged, 8192 Point FFT, Input
Frequency = 70MHz, – 1dB,
2V Range
FREQUENCY (MHz)
02468 10 12 14 16 18 20 22 24
25.37
1744 G20
0.5
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
–120.0
TA = 25°C
TA = 25°C
FREQUENCY (MHz)
02468 10 12 14 16 18 20 22 24
25.37
1744 G21
0.5
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
–120.0
Averaged, 8192 Point FFT, Input
Frequency = 70MHz, – 6dB,
2V Range
Averaged, 8192 Point FFT, Input
Frequency = 70MHz, – 20dB,
2V Range
SNR vs Sample Rate, Input
Frequency = 5MHz, –1dB
TA = 25°C
FREQUENCY (MHz)
02468 10 12 14 16 18 20 22 24
25.37
1744 G22
0.5
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
–120.0
TA = 25°C
FREQUENCY (MHz)
02468 10 12 14 16 18 20 22 24
25.37
1744 G23
0.5
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
–120.0
SAMPLE RATE (Msps)
020
40
60
80
100
1744 G24
78
77
76
75
74
73
72
71
70
69
68
2V RANGE
3.2V RANGE
TA = 25°C
SFDR vs Sample Rate, Input
Frequency = 5MHz, –1dB
SAMPLE RATE (Msps)
020
40
60
80
100
1744 G25
100
95
90
85
80
75
70
65
60
55
50
2V RANGE
3.2V RANGE
TA = 25°C
(Note 5)
Grounded Input Histogram
CODE
8152 8153 8154 8155 8156 8157 8158
1744 G09
40000
35000
30000
25000
20000
15000
10000
5000
0
TA = 25°C
SNR vs Input Frequency and
Amplitude, 3.2V Range
INPUT FREQUENCY (MHz)
1
80
75
70
65
60
55
50
10
100
1744 G31
–1dBFS
– 6dBFS
– 20dBFS
TA = 25°C
INPUT FREQUENCY (MHz)
1
75
70
65
60
55
50
10
100
1744 G30
–1dBFS
– 6dBFS
– 20dBFS
TA = 25°C
TA = 25°C
SNR vs Input Frequency and
Amplitude, 2V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com