Electronic Components Datasheet Search
  English  ▼

X  

MMBD7000 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBD7000
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBD7000 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBD7000 Datasheet HTML 1Page - Diodes Incorporated MMBD7000 Datasheet HTML 2Page - Diodes Incorporated MMBD7000 Datasheet HTML 3Page - Diodes Incorporated MMBD7000 Datasheet HTML 4Page - Diodes Incorporated MMBD7000 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMBD7000
Document number: DS12025 Rev. 9 - 2
1 of 5
www.diodes.com
July 2012
© Diodes Incorporated
MMBD7000
DUAL SURFACE MOUNT SWITCHING DIODE
Features
•
Fast Switching Speed: Maximum of 4ns
•
Low Total Capacitance: Maximum of 2pF
•
Surface Mount Package Ideally Suited for Automated Insertion
•
For General Purpose Switching Applications
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
 
Mechanical Data
•
Case: SOT23
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe)
•
Polarity: See Diagram
•
Weight: 0.008 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
MMBD7000-7-F
SOT23
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
1999
2000
2001
2002
2003
…..
2012
2013
2014
2015
2016
2017
2018
2019
Code
K
L
M
N
P
…..
Z
A
B
C
D
E
F
G
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
e3
TOP VIEW
SOT-23
Internal Schematic
TOP VIEW
K = SAT (Shanghai Assembly / Test site)
JH = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: Z = 2012
M = Month ex: 9 = September
C = CAT (Chengdu Assembly / Test site)
JH = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: Z = 2012
M = Month ex: 9 = September
KJH
CJH


Similar Part No. - MMBD7000

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
DUAL SWITCHING DIODE
logo
Fairchild Semiconductor
MMBD7000 FAIRCHILD-MMBD7000 Datasheet
34Kb / 2P
High Conductance Ultra Fast Diode
logo
Diodes Incorporated
MMBD7000 DIODES-MMBD7000 Datasheet
151Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 3 - 2
logo
General Semiconductor
MMBD7000 GE-MMBD7000 Datasheet
91Kb / 2P
DUAL SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD7000 MCC-MMBD7000 Datasheet
80Kb / 2P
350mW 100Volt Dual Switching Diode
More results

Similar Description - MMBD7000

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
1SS361UDJ DIODES-1SS361UDJ Datasheet
116Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
Shenzhen Luguang Electr...
BAV70 LUGUANG-BAV70 Datasheet
206Kb / 2P
Dual Surface Mount Switching Diode
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
Galaxy Semi-Conductor H...
BAV74 BILIN-BAV74_17 Datasheet
126Kb / 3P
Dual surface mount switching diode
logo
Diodes Incorporated
BAW101 DIODES-BAW101_17 Datasheet
277Kb / 5P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com