Electronic Components Datasheet Search
  English  ▼

X  

UPD75208GF Datasheet(PDF) 45 Page - NEC

Part # UPD75208GF
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75208GF Datasheet(HTML) 45 Page - NEC

Back Button UPD75208GF Datasheet HTML 41Page - NEC UPD75208GF Datasheet HTML 42Page - NEC UPD75208GF Datasheet HTML 43Page - NEC UPD75208GF Datasheet HTML 44Page - NEC UPD75208GF Datasheet HTML 45Page - NEC UPD75208GF Datasheet HTML 46Page - NEC UPD75208GF Datasheet HTML 47Page - NEC UPD75208GF Datasheet HTML 48Page - NEC UPD75208GF Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
45
µPD75208
40
32
30
6
5
4
3
2
1
0.5
01
2
3
4
5
6
Operation Guaranteed
Range
tCY VS VDD
(Main System Clock in Operation)
Power Supply Voltage VDD [V]
*1. CPU clock (
Φ) cycle time is determined by the
oscillator frequency of the connected resonator,
the system clock control register (SCC) and the
processor clock control register (PCC). The cycle
time tCY characteristics for power supply voltage
VDD when the main system clock is in operation is
shown below.
2. 2tCY or 128/fXX is set by interrupt mode register
(IM0) setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com