Electronic Components Datasheet Search
  English  ▼

X  

LT1185 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1185
Description  Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1185 Datasheet HTML 8Page - Linear Technology LT1185 Datasheet HTML 9Page - Linear Technology LT1185 Datasheet HTML 10Page - Linear Technology LT1185 Datasheet HTML 11Page - Linear Technology LT1185 Datasheet HTML 12Page - Linear Technology LT1185 Datasheet HTML 13Page - Linear Technology LT1185 Datasheet HTML 14Page - Linear Technology LT1185 Datasheet HTML 15Page - Linear Technology LT1185 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1185
©LINEAR TECHNOLOGY CORPORATION 1994
1185fd LT/GP 0499 2K REV D • PRINTED IN USA
TYPICAL APPLICATIO S
Logic Controlled 3A Low-Side Switch with Fault Protection
LT1185 • TA08
REF
GND
VOUT
LT1185
FB
VIN
5V
LOAD
1N4001
ADD FOR
INDUCTIVE LOADS
RLIM
4k
Improved High Frequency Ripple Rejection
+
–
VOUT
+
–
VIN
LT1185 • TA09
RLIM
C2
2.2
µF
TANT
R1
2.37k
R2
C3
0.05
µF
C1
4.7
µF
TANT
NOTE: C3 IMPOVES HIGH FREQUENCY RIPPLE REJECTION BY 6dB AT VOUT = 5V,
AND BY 14dB AT VOUT = 12V. C1 IS INCREASED TO 4.7µF TO ENSURE GOOD STABILTITY
WHEN C3 IS USED
REF
GND
FB
VOUT
LT1185
VIN
+
PART NUMBER
DESCRIPTION
COMMENTS
LT1085
7.5A Low Dropout Regulator
1V Dropout Voltage
LT1117
800mA Low Dropout Regulator with Shutdown
Reverse Voltage and Reverse Current Protection
LT1120A
Micropower Regulator with Comparator and Shutdown
20
µA Supply Current, 2.5V Reference Output
LT1129
200mA Micropower Low Dropout Regulator
400mV Dropout Voltage, 50
µA Supply Current
LT1175
500mA Negative Low Dropout Micropower Regulator
45
µA Supply Current, Adjustable Current Limit
LT1585
4.6A Low Dropout Fast Transient Response Regulator
For High Performance Microprocessors
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com