Electronic Components Datasheet Search
  English  ▼

X  

HS5J Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HS5J
Description  5.0AMPS High Efficient Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS5J Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HS5J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS5J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS5J Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS5J Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
creat by ART
Glass passivated junction chip.
For surface mounted application
Low forward voltage drop
Low profile package
Fast switching for high efficiency
HS5A
SMC
850 / 7" REEL
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
HS
5A
HS
5B
HS
5D
HS
5F
HS
5G
HS
5J
HS
5K
HS
5M
Units
VRRM
50
100
200
300
400
600
800 1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800 1000
V
IF(AV)
A
Trr
nS
Cj
pF
RθjA
OC/W
TJ
OC
TSTG
OC
Version:G13
Cases: Molded plastic
Terminal: Pure tin plated, lead free
Polarity: Indicated by cathode band
HS5A - HS5M
5.0AMPS High Efficient Surface Mount Rectifiers
SMC/DO-214AB
Features
Built-in stain relief, ideal for automatic
placement
High temperature soldering:
260℃/10 seconds at terminals
A
Packing: 16mm tape per EIA STD RS-481
Weight: 0.21 grams
Parameter
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Packing code
(Green)
R7G
Packing code
VF
1.0
1.3
1.7
V
Maximum Average Forward Rectified Current
5
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
150
Operating Temperature Range
- 55 to + 150
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ TA=125 ℃
IR
10
uA
250
Maximum Reverse Recovery Time (Note 2)
50
75
Meet MSL level 1, per J-STD-020D,
lead free maximum peak of 260℃
Ordering Information (example)
Part No.
Package
Packing
Typical Junction Capacitance (Note 3)
Maximum Instantaneous Forward Voltage (Note 1)
@ 5 A
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
R7
Storage Temperature Range
- 55 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied VR=4.0 Volts
80
50
Typical Thermal Resistance
60


Similar Part No. - HS5J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS5J TSC-HS5J Datasheet
52Kb / 2P
5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5J TSC-HS5J Datasheet
248Kb / 2P
5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5J TSC-HS5J Datasheet
438Kb / 2P
5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5J TSC-HS5J Datasheet
201Kb / 2P
5.0AMPS High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HS5J LUGUANG-HS5J Datasheet
232Kb / 2P
5.0AMPS High Efficient Surface Mount Rectifiers
More results

Similar Description - HS5J

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SE2A SEMTECH_ELEC-SE2A Datasheet
177Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
SynSemi, Inc.
SE5A SYNSEMI-SE5A Datasheet
50Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
EIC discrete Semiconduc...
SME1A EIC-SME1A Datasheet
77Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
SETA EIC-SETA_05 Datasheet
55Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HS5A TSC-HS5A_11 Datasheet
201Kb / 2P
5.0AMPS High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HS5A LUGUANG-HS5A Datasheet
232Kb / 2P
5.0AMPS High Efficient Surface Mount Rectifiers
SK52C LUGUANG-SK52C Datasheet
204Kb / 2P
5.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
HS2AA TAYCHIPST-HS2AA Datasheet
5Mb / 2P
High Efficient Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
BYG23M TSC-BYG23M_14 Datasheet
382Kb / 4P
High Efficient Surface Mount Rectifiers
HS2A TSC-HS2A_14 Datasheet
366Kb / 4P
High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com