Electronic Components Datasheet Search
  English  ▼

X  

LT1195 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1195
Description  Low Power, High Speed Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1195 Datasheet(HTML) 3 Page - Linear Technology

  LT1195 Datasheet HTML 1Page - Linear Technology LT1195 Datasheet HTML 2Page - Linear Technology LT1195 Datasheet HTML 3Page - Linear Technology LT1195 Datasheet HTML 4Page - Linear Technology LT1195 Datasheet HTML 5Page - Linear Technology LT1195 Datasheet HTML 6Page - Linear Technology LT1195 Datasheet HTML 7Page - Linear Technology LT1195 Datasheet HTML 8Page - Linear Technology LT1195 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1195
±5V ELECTRICAL CHARACTERISTICS
±5V ELECTRICAL CHARACTERISTICS
+
+
LT1195M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
J8, N8 Package
3.0
9.0
mV
S8 Package
3.0
11.0
mV
IOS
Input Offset Current
0.2
1.0
µA
IB
Input Bias Current
±0.5
±2.0
µA
Input Voltage Range
(Note 3)
2.0
3.5
V
CMRR
Common-Mode Rejection Ratio
VCM = 2V to 3.5V
60
85
dB
AVOL
Large-Signal Voltage Gain
RL = 150Ω to Ground, VOUT = 1V to 3V
0.5
3.0
V/mV
VOUT
Output Voltage Swing
RL = 150Ω to Ground
VOUT High
3.5
3.8
V
VOUT Low
0.25
0.4
V
SR
Slew Rate
AV = –1, VOUT = 1V to 3V
140
V/
µs
GBW
Gain-Bandwidth Product
45
MHz
IS
Supply Current
11
15
mA
Shutdown Supply Current
Pin 5 at V –
0.8
1.5
mA
IS/D
Shutdown Pin Current
Pin 5 at V –
525
µA
LT1195M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Supply Current
12
16
mA
Shutdown Supply Current
Pin 5 at V –
0.8
1.5
mA
IS/D
Shutdown Pin Current
Pin 5 at V –
525
µA
tON
Turn-On Time
Pin 5 from V– to Ground, RL = 1k
160
ns
tOFF
Turn-Off Time
Pin 5 from Ground to V –, RL = 1k
700
ns
TA = 25°C
VS = ±5V, CL ≤ 10pF, pin 5 open circuit, unless otherwise noted.
TA = 25°C
VS
+ = 5V, VS–, = OV, VCM = 2.5V, CL ≤ 10pF, pin 5 open circuit, unless otherwise noted.
LT1195M
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
3.0
15.0
mV
∆VOS/∆T
Input VOS Drift
17
µV/°C
IOS
Input Offset Current
0.2
2.0
µA
IB
Input Bias Current
±0.5
±2.5
µA
CMRR
Common-Mode Rejection Ratio
VCM = –2.5V to 3.5V
55
85
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
55
80
dB
AVOL
Large-Signal Voltage Gain
RL = 1k, VOUT = ±3V
1.50
5.0
V/mV
RL = 150Ω, VOUT = ±3V
0.25
0.8
V/mV
VOUT
Output Voltage Swing
RL = 1k
±3.7
±3.9
V
IS
Supply Current
12
18
mA
Shutdown Supply Current
Pin 5 at V –, (Note 8)
0.8
2.5
mA
IS/D
Shutdown Pin Current
Pin 5 at V –
525
µA
VS = ±5V, pin 5 open circuit, unless otherwise noted.
–55
°C ≤ TA ≤ 125°C, (Note 10)
–
5V ELECTRICAL CHARACTERISTICS
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com