Electronic Components Datasheet Search
  English  ▼

X  

LM119 Datasheet(PDF) 3 Page - Linear Technology

Part # LM119
Description  Dual Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM119 Datasheet(HTML) 3 Page - Linear Technology

  LM119 Datasheet HTML 1Page - Linear Technology LM119 Datasheet HTML 2Page - Linear Technology LM119 Datasheet HTML 3Page - Linear Technology LM119 Datasheet HTML 4Page - Linear Technology LM119 Datasheet HTML 5Page - Linear Technology LM119 Datasheet HTML 6Page - Linear Technology LM119 Datasheet HTML 7Page - Linear Technology LM119 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT119A/LT319A
LM119/LM319
ELECTRICAL CHARACTERISTICS (Note 2)
LT119A
LT119
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Differential Input Voltage
q
±5
±5V
IS
Supply Current
V+ = 5V, V= 0V
4.3
4.3
mA
IS
Positive Supply Current
VS = ±15V
8
11.5
8
11.5
mA
IS
Negative Supply Current
VS = ±15V
3
4.5
3
4.5
mA
VOS
Input Offset Voltage
VS = ±15V, VCM = 0V
0.3
0.5
8
mV
VOS
Input Offset Voltage
RS ≤ 5k
0.5
1
2
8
mV
(Note 3)
q
210
mV
CMRR
Common-Mode Rejection Ratio
90
106
dB
IOS
Input Offset Current
(Note 3)
30
40
80
200
nA
q
60
300
nA
IB
Input Bias Current
(Note 3)
150
500
250
1000
nA
q
1000
1200
nA
AV
Voltage Gain
20
40
8
40
V/mV
Response Time
(Note 4)
80
80
ns
VSAT
Saturation Voltage
VIN ≤ –10mV, ISINK = 25mA
TA = 25°C
0.75
1.5
0.75
1.5
V
V+
≥ 4.5V, V= 0V
VIN ≤ –10mV, ISINK ≤ 3.2mA
q
0.3
0.4
0.3
0.4
V
Output Leakage Current
VIN ≥ 10mV, VOUT = 35V
0.2
10
0.2
10
µA
Input Voltage Range
VS = ±15V
q
±13
±13
V
V+ = 5V, V= 0V
q
13
1
3
V
Differential Input Voltage
q
±5
±5V
IS
Supply Current
V+ = 5V, V= 0V
4.3
4.3
mA
IS
Positive Supply Current
VS = ±15V
8
12.5
8
12.5
mA
IS
Negative Supply Current
VS = ±15V
3
5
3
5
mA
The q denotes specifications which apply over the full operating
temperature range.
Note 1: For supply voltages less than
±15V, the maximum input voltage is
equal to the supply voltage.
Note 2: Unless otherwise noted, supply voltage equals
±15V and
TA = 25°C. The ground pin is grounded. Note that the maximum voltage
allowed between the ground pin and V+ is 18V. Do not tie the ground pin
to Vwhen the power supply voltage exceeds
±9V. The offset voltage,
offset current and bias current specifications apply for all supply voltages
between
±15V and 5V unless otherwise specified.
Note 3: The offset voltages and currents given are the maximum values
required to drive the output within 1V of either supply with a 1mA load,
thus these parameters define an error band and take into account the
worst case effects of voltage gain and input impedance.
Note 4: Response time specified is for a 100mV input step with 5mV
overdrive.
Note 5: Inputs are protected with back-to-back 5.6V zener diodes. This
limits maximum differential input voltage to
±5V if current is unlimited.
Larger differential input drive is allowed if input current is limited to
±5mA
with external resistance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com