Electronic Components Datasheet Search
  English  ▼

X  

LT1206 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1206
Description  250mA/60MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1206 Datasheet(HTML) 1 Page - Linear Technology

  LT1206 Datasheet HTML 1Page - Linear Technology LT1206 Datasheet HTML 2Page - Linear Technology LT1206 Datasheet HTML 3Page - Linear Technology LT1206 Datasheet HTML 4Page - Linear Technology LT1206 Datasheet HTML 5Page - Linear Technology LT1206 Datasheet HTML 6Page - Linear Technology LT1206 Datasheet HTML 7Page - Linear Technology LT1206 Datasheet HTML 8Page - Linear Technology LT1206 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1206
250mA/60MHz Current
Feedback Amplifier
DESCRIPTIO
S
FEATURE
s
250mA Minimum Output Drive Current
s
60MHz Bandwidth, AV = 2, RL = 100Ω
s
900V/
µs Slew Rate, AV = 2, RL = 50Ω
s
0.02% Differential Gain, AV = 2, RL = 30Ω
s
0.17
° Differential Phase, AV = 2, RL = 30Ω
s
High Input Impedance, 10M
Ω
s
Wide Supply Range,
±5V to ±15V
s
Shutdown Mode: IS < 200µA
s
Adjustable Supply Current
s
Stable with CL = 10,000pF
The LT1206 is a current feedback amplifier with high
output current drive capability and excellent video char-
acteristics. The LT1206 is stable with large capacitive
loads, and can easily supply the large currents required
by the capacitive loading. A shutdown feature switches
the device into a high impedance, low current mode,
reducing dissipation when the device is not in use. For
lower bandwidth applications, the supply current can be
reduced with a single external resistor. The low differen-
tial gain and phase, wide bandwidth, and the 250mA
minimum output current drive make the LT1206 well
suited to drive multiple cables in video systems.
The LT1206 is manufactured on Linear Technology’s
proprietary complementary bipolar process.
TYPICAL APPLICATIO S
Noninverting Amplifier with Shutdown
LT1206 • TA02
VS = ±15V
RL = ∞
RF = RG = 3k
APPLICATIO S
s
Video Amplifiers
s
Cable Drivers
s
RGB Amplifiers
s
Test Equipment Amplifiers
s
Buffers
–
+
LT1206
S/D**
15V
–15V
CCOMP
0.01
µF*
RF
RG
VIN
5V
24k
15V
ENABLE
VOUT
OPTIONAL, USE WITH CAPACITIVE LOADS
GROUND SHUTDOWN PIN FOR
NORMAL OPERATION
*
**
LT1206 • TA01
COMP
74C906
Large-Signal Response, CL = 10,000pF


Similar Part No. - LT1206

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1206 LINER-LT1206 Datasheet
321Kb / 16P
250mA/60MHz Current Feedback Amplifi er
LT1206 LINER-LT1206 Datasheet
364Kb / 18P
250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1206 LINER-LT1206 Datasheet
264Kb / 24P
500mA Power Op Amp with Adjustable Precision Current Limit
LT1206 LINER-LT1206 Datasheet
368Kb / 18P
250mA/60MHz Current Feedback Amplifier
logo
Analog Devices
LT1206 AD-LT1206 Datasheet
626Kb / 18P
High Temperature 1.0A, 35MHz Current Feedback Amplifier
1210X TA01
More results

Similar Description - LT1206

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
logo
Linear Technology
LT1207 LINER-LT1207 Datasheet
364Kb / 16P
Dual 250mA/60MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
Dual 60MHz Current Feedback Amplifiers
logo
Linear Technology
LT1206 LINER-LT1206_07 Datasheet
321Kb / 16P
250mA/60MHz Current Feedback Amplifi er
LT1206 LINER-LT1206_11 Datasheet
364Kb / 18P
250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1206CS8TRPBF LINER-LT1206CS8TRPBF Datasheet
368Kb / 18P
250mA/60MHz Current Feedback Amplifier
LT1207 LINER-LT1207_15 Datasheet
323Kb / 16P
Dual 250mA/60MHz Current Feedback Amplifier
LT1206 LINER-LT1206_15 Datasheet
368Kb / 18P
250mA/60MHz Current Feedback Amplifier
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com