Electronic Components Datasheet Search
  English  ▼

X  

LT1213 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1213
Description  28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1213 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1213 Datasheet HTML 8Page - Linear Technology LT1213 Datasheet HTML 9Page - Linear Technology LT1213 Datasheet HTML 10Page - Linear Technology LT1213 Datasheet HTML 11Page - Linear Technology LT1213 Datasheet HTML 12Page - Linear Technology LT1213 Datasheet HTML 13Page - Linear Technology LT1213 Datasheet HTML 14Page - Linear Technology LT1213 Datasheet HTML 15Page - Linear Technology LT1213 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LT1213/LT1214
S
APPLICATI
I FOR ATIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Comparator Applications
Sometimes it is desirable to use an op amp as a compara-
tor. When operating the LT1213/LT1214 on a single 3.3V
or 5V supply, the output interfaces directly with most TTL
and CMOS logic.
The response time of the LT1213/LT1214 is a strong
function of the amount of input overdrive as shown in the
4
2
0
100
0
4
2
0
100
0
5
µs/DIV
VS = 5V
1213/14 AI02
RL =
∞
LT1213 Comparator Response (+)
20mV, 10mV, 5mV, 2mV Overdrives
LT1213 Comparator Response (–)
20mV, 10mV, 5mV, 2mV Overdrives
I
SPLII
F ED S
A
CHE
TIC
following photos. These amplifiers are unity-gain stable
op amps and not fast comparators, therefore, the logic
being driven may oscillate due to the long transition time.
The output can be speeded up by adding 20mV or more of
hysteresis (positive feedback), but the offset is then a
function of the input direction.
VS = 5V
1213/14 AI01
RL =
∞
5
µs/DIV
CI
Q5
Q10
CF
RF
I7
I8
CO
V–
CM
BIAS
OUT
V +
I6
I5
I4
I3
I2
I1
–IN
+IN
1213/14 SS
Q7
Q9
Q8
Q11
Q12
Q14
Q15
Q13
Q16
Q6
Q3
Q4
Q1
Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com