Electronic Components Datasheet Search
  English  ▼

X  

LT1220 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1220
Description  45MHz, 250V/us Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1220 Datasheet(HTML) 4 Page - Linear Technology

  LT1220 Datasheet HTML 1Page - Linear Technology LT1220 Datasheet HTML 2Page - Linear Technology LT1220 Datasheet HTML 3Page - Linear Technology LT1220 Datasheet HTML 4Page - Linear Technology LT1220 Datasheet HTML 5Page - Linear Technology LT1220 Datasheet HTML 6Page - Linear Technology LT1220 Datasheet HTML 7Page - Linear Technology LT1220 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1220
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE (±V)
0
0
5
10
15
20
510
15
20
LT1220 • TPC01
TA = 25°C
∆VOS = 0.5mV
+VCM
–VCM
Input Common-Mode Range
vs Supply Voltage
Output Voltage Swing
vs Resistive Load
LOAD RESISTANCE (
Ω)
10
0
10
20
25
30
100
1k
10k
LT1220 • TPC04
5
15
±5V SUPPLIES
±15V SUPPLIES
TA = 25°C
∆VOS = 30mV
Output Short-Circuit Current
vs Temperature
TEMPERATURE (°C)
–50
20
30
35
45
50
–25
50
100
125
LT1220 • TPC07
25
40
025
75
VS = ±5V
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (Hz)
100
0
20
60
100
1k
100k
1M
100M
LT1220 • TPC09
40
80
10k
10M
+PSRR
VS = ±15V
TA = 25°C
–PSRR
Input Noise Spectral Density
FREQUENCY (Hz)
10
0
40
80
120
160
100
1k
10k
100k
LT1220 • TPC08
20
60
100
140
VS = ±15V
TA = 25°C
AV = 100
Open-Loop Gain
vs Resistive Load
LOAD RESISTANCE (
Ω)
10
60
80
100
110
100
1k
10k
LT1220 • TPC06
70
90
TA = 25°C
VS = ±15V
VS = ±5V
0
0
5
10
15
20
510
15
20
LT1220 • TPC03
+VSW
–VSW
SUPPLY VOLTAGE (±V)
TA = 25°C
RL = 500Ω
∆VOS = 30mV
Output Voltage Swing
vs Supply Voltage
SUPPLY VOLTAGE (±V)
0
7.0
7.5
8.0
8.5
9.0
510
15
20
LT1220 • TPC02
TA = 25°C
Supply Current vs Supply Voltage
and Temperature
Input Bias Current
vs Input Common-Mode Voltage
INPUT COMMON-MODE VOLTAGE (V)
–15
– 500
0
500
05
15
LT1220 • TPC05
–10
– 5
10
– 400
–300
–200
–100
100
200
300
400
IB
+
IB
–
TA = 25°C
VS = ±15V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com