Electronic Components Datasheet Search
  English  ▼

X  

LT1215M Datasheet(PDF) 16 Page - Linear Technology

Part # LT1215M
Description  23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1215M Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1215M Datasheet HTML 12Page - Linear Technology LT1215M Datasheet HTML 13Page - Linear Technology LT1215M Datasheet HTML 14Page - Linear Technology LT1215M Datasheet HTML 15Page - Linear Technology LT1215M Datasheet HTML 16Page - Linear Technology LT1215M Datasheet HTML 17Page - Linear Technology LT1215M Datasheet HTML 18Page - Linear Technology LT1215M Datasheet HTML 19Page - Linear Technology LT1215M Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1215/LT1216
Single Supply, AC Coupled Input, RMS Calibrated, Average Detector
AC IN (mVRMS)
1
10
100
1000
10
100
1215/16 GA06
VS = 5V
f = 100kHz
f = 1kHz
DC OUTPUT VOLTAGE vs AC INPUT VOLTAGE
–
+
20k
5V
A
LT1216
11.3k
22pF
1215/16 TA05
2
× R2
20k
22pF
DC OUT
–
+
–
+
1
µF
–
+
R1
10k
R1
10k
R1
10k
R1
10k
22pF
R2
10k
C
LT1216
2
× R2
20k
11.3k
22pF
VA – VB
R2
R1
•
100k
VIN
10
µF
1k
B
LT1216
D
LT1216
VB
AC TO DC BIASED
DIFFERENTIAL SIGNAL
DIFFERENTIAL INPUT,
ABSOLUTE VALUE CIRCUIT
VA
10k
R2
10k
+
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com