Electronic Components Datasheet Search
  English  ▼

X  

LT1222 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1222
Description  500MHz Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1222 Datasheet(HTML) 1 Page - Linear Technology

  LT1222 Datasheet HTML 1Page - Linear Technology LT1222 Datasheet HTML 2Page - Linear Technology LT1222 Datasheet HTML 3Page - Linear Technology LT1222 Datasheet HTML 4Page - Linear Technology LT1222 Datasheet HTML 5Page - Linear Technology LT1222 Datasheet HTML 6Page - Linear Technology LT1222 Datasheet HTML 7Page - Linear Technology LT1222 Datasheet HTML 8Page - Linear Technology LT1222 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1222
500MHz, 3nV/
√Hz, AV ≥ 10
Operational Amplifier
S
FEATURE
DESCRIPTIO
s
Gain-Bandwidth: 500MHz
s
Gain of 10 Stable Uncompensated
s
Slew Rate: 200V/
µs
s
Input Noise Voltage: 3nV/
√Hz
s
C-Load
TM Op Amp Drives Capacitive Loads
s
External Compensation Pin
s
Maximum Input Offset Voltage: 300
µV
s
Maximum Input Bias Current: 300nA
s
Maximum Input Offset Current: 300nA
s
Minimum Output Swing Into 500
Ω: ±12V
s
Minimum DC Gain: 100V/mV, RL = 500Ω
s
Settling Time to 0.1%: 75ns, 10V Step
s
Settling Time to 0.01%: 120ns, 10V Step
s
Differential Gain: 0.4%, AV = 2, RL = 150Ω
s
Differential Phase: 0.1
°, AV = 2, RL = 150Ω
The LT1222 is a low noise, very high speed operational
amplifier with superior DC performance. The LT1222 is
stable in a noise gain of 10 or greater without compensa-
tion, or the part can be externally compensated for lower
closed-loop gain at the expense of lower bandwidth and
slew rate. It features reduced input offset voltage, lower
input bias currents, lower noise and higher DC gain than
devices with comparable bandwidth and slew rate. The
circuit is a single gain stage that includes proprietary DC
gain enhancement circuitry to obtain precision with high
speed. The high gain and fast settling time make the circuit
an ideal choice for data acquisition systems. The circuit is
also capable of driving capacitive loads which makes it
useful in buffer or cable driver applications. The compen-
sation node can also be used to clamp the output swing.
The LT1222 is a member of a family of fast, high perfor-
mance amplifiers that employ Linear Technology
Corporation’s advanced complementary bipolar process-
ing. For unity-gain stable applications the LT1220 can be
used, and for gains of 4 or greater the LT1221 can be used.
S
APPLICATI
s
Wideband Amplifiers
s
Buffers
s
Active Filters
s
Video and RF Amplification
s
Cable Drivers
s
8-, 10-, 12-Bit Data Acquisition Systems
AV = 10 with Output Clamping
AV = – 1, CC = 30pF Pulse Response
LT1222 • TA02
RF = RG = 1k
VS = ±15V
TYPICAL APPLICATION
LT1222 • TA01
VIN
LT1222
1N5711
1N5711
 V
OUT ≤ 0.5V
909
Ω
100
Ω
+
–
1N4148
0.1
µF
5
6
3
2
3k
15V
VIN = 100mV
f = 5MHz
and LTC are registered trademarks and LT is a trademark of Linear Technology Corporation.
C-Load is a trademark of Linear Technology Cortporation.


Similar Part No. - LT1222

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1222 LINER-LT1222 Datasheet
248Kb / 12P
500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
LT1222 LINER-LT1222 Datasheet
261Kb / 12P
Operational Amplifier
LT1222CN8 LINER-LT1222CN8 Datasheet
248Kb / 12P
500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
LT1222CS8 LINER-LT1222CS8 Datasheet
248Kb / 12P
500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
LT1222IS8 LINER-LT1222IS8 Datasheet
248Kb / 12P
500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
More results

Similar Description - LT1222

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
500MHz 75dB Logarithmic/Limiting Amplifier
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
500MHz 75dB Logarithmic/Limiting Amplifier
logo
Linear Technology
LT1222 LINER-LT1222_07 Datasheet
248Kb / 12P
500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
logo
SG Micro Corp
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
M/A-COM Technology Solu...
AM-147 MA-COM-AM-147 Datasheet
140Kb / 2P
Cascadable Amplifier 10 to 500MHz
AM-151 MA-COM-AM-151 Datasheet
83Kb / 2P
Cascadable Amplifier 10 to 500MHz
logo
List of Unclassifed Man...
PS13201 ETC2-PS13201 Datasheet
1Mb / 22P
500MHz 75dB Logarithmic/Limiting Amplifier
logo
M/A-COM Technology Solu...
AM-151 MA-COM-AM-151_15 Datasheet
481Kb / 3P
Cascadable Amplifier 10 to 500MHz
logo
Exar Corporation
CLC1006 EXAR-CLC1006 Datasheet
1Mb / 16P
Single, 500MHz Voltage Feedback Amplifier
logo
Renesas Technology Corp
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
500MHz Rail-to-Rail Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com