Electronic Components Datasheet Search
  English  ▼

X  

LT1218CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1218CS8
Description  Precision Rail-to-Rail Input and Output Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1218CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1218CS8 Datasheet HTML 8Page - Linear Technology LT1218CS8 Datasheet HTML 9Page - Linear Technology LT1218CS8 Datasheet HTML 10Page - Linear Technology LT1218CS8 Datasheet HTML 11Page - Linear Technology LT1218CS8 Datasheet HTML 12Page - Linear Technology LT1218CS8 Datasheet HTML 13Page - Linear Technology LT1218CS8 Datasheet HTML 14Page - Linear Technology LT1218CS8 Datasheet HTML 15Page - Linear Technology LT1218CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1218/LT1219
APPLICATIONS INFORMATION
compensation. The output capacitance forms a filter,
which reduces pickup from the supply and lowers the
output impedance. This additional filtering is helpful in
mixed analog/digital systems with common supplies or
systems employing switching supplies. Filtering also
reduces high frequency noise, which may be beneficial
when driving A/D converters.
Figures 7a and 7b show the outputs of the LT1218/LT1219
perturbed by a 200mVP-P 50kHz square wave added to the
positive supply. The LT1219 power supply rejection is
about ten times greater than that of the LT1218 at 50kHz.
Note the 5-to-1 scale change in the output voltage traces.
The tolerance of the external compensation capacitor is
not critical. The plots of Overshoot vs Load Current in the
Typical Performance Characteristics section illustrate the
effect of a capacitive load.
LT1218/19 • F07a
Figure 7a. LT1218 Power Supply Rejection Test
LT1218/19 • F07b
Figure 7b. LT1219 Power Supply Rejection Test
TYPICAL APPLICATIONS
Buffer for 12-Bit A/D Converter
VREF
+ IN
– IN
GND
VCC
CLK
DOUT
CS/SHDN
1
2
3
4
8
7
6
5
LTC1285
–
+
TO
µP
1
µF
0.1
µF
0.1
µF
3V
VIN
LT1219
LT1218/19 • TA03
High-Side Current Source
–
+
LT1218
1k
RSENSE
0.2
Ω
40k
Q1
MTP23P06
ILOAD
5V < VCC < 30V
0A < ILOAD < 1A AT VCC = 5V
0mA < ILOAD < 160mA AT VCC = 30V
Q2
2N4340
VCC
100
Ω
0.0033
µF
LT1004-1.2
RP
10k
LT1218/19 • TA04
V+
(AC)
VOUT
V+
(AC)
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com