Electronic Components Datasheet Search
  English  ▼

X  

LL4001G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LL4001G
Description  Surface Mount Glass Plassivated Silicon Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL4001G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LL4001G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL4001G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL4001G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LL4001G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
CREAT BY ART
RATINGS AND CHARACTERISTICS CURVES
(TA=25°C unless otherwise noted)
Document Number: DS_S1407007
Version: D15
LL4001G ~ LL4007G
Taiwan Semiconductor
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
Terminal Temperature (°C)
Fig.1 Forward Current Derating Curve
Resistive or
Inductive Load
0
5
10
15
20
25
30
1
10
100
Number of Cyclas at 60Hz
Fig. 2 Maximum Non-Repetitive Peak
Forward Surge Current
8.3ms Single Half Sine Wave
0.01
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
Instantaneous Forward Voltage(V)
Fig. 3 Instantaneous Forward Characteristics
Pulse Width = 300μs
1% Duty Cycle
1
10
100
0.1
1
10
100
Reverse Voltage(V)
Fig. 5 Typical Junction Capacitance
f = 1,0MHZ
Vsig=50mVP-P
0.01
0.1
1
10
100
1000
0
2040
6080
100
Percentage of Peak Reverse Voltage(%)
TJ = 100°C
TJ = 150°C
TJ = 25°C
Fig. 4 Typical Reverse Characteristics
0.1
1
10
100
0.01
0.1
1
10
100
t - Pulse Duration (sec.)
Fig. 6 Typical Transient Thermal Impedance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com