Electronic Components Datasheet Search
  English  ▼

X  

LL5818 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # LL5818
Description  Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL5818 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  LL5818 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL5818 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL5818 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LL5818 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
MinMax
MinMax
A
4.80
5.50
0.189
0.217
B
2.25
2.67
0.089
0.105
C
0.30
0.60
0.012
0.024
`
C
G
X
X1
Y
Document Number: DS_S1412010
Version: F14
Note 1: "x" defines voltage from 20V (LL5817) to 40V (LL5819)
LL5817 thru LL5819
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PART NO. SUFFIX
(Note 2)
PACKING CODE
PACKING CODE
SUFFIX
-xx
PACKAGE
Note 2: Part No. Suffix „-xx “ would be used for special requirement
EXAMPLE
PREFERRED P/N
PART NO. SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
PACKING
4.80
0.189
PACKAGE OUTLINE DIMENSIONS
MELF
DIM.
Unit (mm)
Unit (inch)
SUGGEST PAD LAYOUT
0.130
1.50
0.059
6.30
0.248
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
2.70
0.106
LL581x
(Note 1)
5,000 / 13" Reel
MELF
G
L0
3.30
Multiple manufacturer
sources
L0
LL5817
LL5817 L0
Defined manufacturer
source,
Green compound
G
L0
-J0
LL5817
LL5817-J0 L0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com