Electronic Components Datasheet Search
  English  ▼

X  

LL5819 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # LL5819
Description  Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL5819 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  LL5819 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL5819 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL5819 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LL5819 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
CREAT BY ART
- Plastic package has carries underwriters
- Ideal for automated placement
- Surge overload rating to 25 Ampers peak
- Reliable low cost construction utilizing molded
plastic technique results in in-expensive product
- High temperature soldering :
260
oC/10 seconds at terminals
- Mounting position : Any
- Weight : 0.12 g
- Packing code with suffix "G" means
Green compound (Halogen free)
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Document Number: DS_S1412010
Version: F14
MECHANICAL DATA
- Polarity: Indicated by blue cathode band
MELF
LL5817 thru LL5819
Taiwan Semiconductor
Surface Mount Schottky Barrier Rectifiers
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
PARAMETER
0.750
0.875
0.900
21
28
Maximum repetitive peak reverse voltage
40
20
30
40
mA
5
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
25
14
80
0.450
0.550
0.600
Operating junction temperature range
- 65 to +125
A
Maximum instantaneous forward voltage (Note 1)
@ 1 A
@ 3 A
VF
V
Maximum reverse current @ rated VR TJ=25
oC
TJ=100
oC
IR
0.5
Storage temperature range
- 65 to +125
LL5817
LL5818
LL5819
20
30
Typical junction capacitance (Note 2)
110
Typical thermal resistance


Similar Part No. - LL5819

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL5819 TSC-LL5819 Datasheet
62Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
LL5819 TSC-LL5819 Datasheet
273Kb / 2P
1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Jinan Jingheng (Group) ...
LL5819 JINANJINGHENG-LL5819 Datasheet
73Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
RFE international
LL5819 RFE-LL5819 Datasheet
111Kb / 1P
SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers
logo
EIC discrete Semiconduc...
LL5819 EIC-LL5819 Datasheet
39Kb / 2P
SCHOTTKY BARRIER
More results

Similar Description - LL5819

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com