Electronic Components Datasheet Search
  English  ▼

X  

LSR102 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # LSR102
Description  Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LSR102 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  LSR102_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LSR102_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LSR102_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LSR102_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
PART NO.
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Min
Max
Min
Max
A
4.80
5.50
0.189
0.217
B
2.25
2.67
0.089
0.105
C
0.30
0.60
0.012
0.024
`
C
G
X
X1
Y
Document Number: DS_S1412011
Version: G14
LSR102
LSR102 L0
LSR102-J0 L0
Define manufacture source
L0
-J0
LSR102
2.70
0.106
MELF
L0
5K / 13" Reel
DESCRIPTION
Multiple manufacture source
L0
3.30
0.130
1.50
0.059
6.30
0.248
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
4.80
0.189
PACKAGE OUTLINE DIMENSIONS
MELF
DIM.
Unit (mm)
Unit (inch)
SUGGEST PAD LAYOUT
EXAMPLE
PREFERRED P/N
PART NO. SUFFIX
PACKING CODE
Note 1: "x" defines voltage from 20V (LSR102) to 60V (LSR106)
LSR10x
(Note 1)
-xx
LSR102 thru LSR106
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PART NO. SUFFIX
(Note 2)
PACKING CODE
PACKAGE
PACKING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com