Electronic Components Datasheet Search
  English  ▼

X  

LT1215CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1215CS8
Description  23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1215CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1215CS8 Datasheet HTML 12Page - Linear Technology LT1215CS8 Datasheet HTML 13Page - Linear Technology LT1215CS8 Datasheet HTML 14Page - Linear Technology LT1215CS8 Datasheet HTML 15Page - Linear Technology LT1215CS8 Datasheet HTML 16Page - Linear Technology LT1215CS8 Datasheet HTML 17Page - Linear Technology LT1215CS8 Datasheet HTML 18Page - Linear Technology LT1215CS8 Datasheet HTML 19Page - Linear Technology LT1215CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1215/LT1216
©LINEAR TECHNOLOGY CORPORATION 1993
sn12156, 12156fas LT/TP 1299 2K REV A • PRINTED IN USA
LT1216 Photo Diode Amplifier
–
+
2V
5V
1/4
LT1216
5.1k
8pF
VOUT
1215/16 TA03
I TO V BANDWIDTH = 7MHz
TRANSIENT RESPONSE
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1211/LT1212
Dual/Quad 14MHz, 7V/
µs Single Supply Precision Op Amps
Input Common Mode Includes Ground, 275
µV VOS (Max),
6
µV/°C Max Drift, 1.8mA Max Supply Current per Amplifier
LT1213/LT1214
Dual/Quad 28MHz, 12V/
µs Single Supply Precision Op Amps
Input Common Mode Includes Ground, 275
µV VOS (Max),
6
µV/°C Max Drift, 3.5mA Max Supply Current per Amplifier
LT1498/LT1499
10MHz, 6V/
µs, Dual/Quad Rail-to-Rail Input and
475
µV VOS (Max), 2.2mA Max Supply Current per Amplifier,
Output Precision C-Load
TM Op Amps
2.5
µV/°C Max Drift, Stable with Capacitive Loads to 10,000pF
LT1124/LT1125
12.5MHz, 4.5V/
µs, Dual/Quad Low Noise,
70
µV VOS (Max), 2.75mA Max Supply Current per Amplifier,
High Speed Precision Op Amps
1
µV/°C Max Drift
LT1355/LT1356
Dual and Quad 12MHz, 400V/
µs Op Amps
1.25mA Max Supply Current per Amplifier, 800
µV VOS (Max),
Drives All Capacitive Loads
LT1358/LT1359
Dual and Quad 25MHz, 600V/
µs Op Amps
2.5mA Max Supply Current per Amplifier, 600
µV VOS (Max),
Drives All Capacitive Loads
LT1361/LT1362
Dual and Quad 50MHz, 800V/
µs Op Amps
5mA Max Supply Current per Amplifier, 1mV VOS (Max),
Drives All Capacitive Loads
C-Load is a trademark of Linear Technology Corporation.
1215/16 TA05
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com