Electronic Components Datasheet Search
  English  ▼

X  

LT1223CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1223CS8
Description  100MHz Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1223CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1223CS8 Datasheet HTML 4Page - Linear Technology LT1223CS8 Datasheet HTML 5Page - Linear Technology LT1223CS8 Datasheet HTML 6Page - Linear Technology LT1223CS8 Datasheet HTML 7Page - Linear Technology LT1223CS8 Datasheet HTML 8Page - Linear Technology LT1223CS8 Datasheet HTML 9Page - Linear Technology LT1223CS8 Datasheet HTML 10Page - Linear Technology LT1223CS8 Datasheet HTML 11Page - Linear Technology LT1223CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1223
S
APPLICATI
I FOR ATIO
have about 2.5mV thermal tail on a 10V step. Unfortu-
nately, reducing the input signal and increasing the gain
always results in a thermal tail of about the same amount
for a given output step. For this reason we show separate
graphs of 10mV and 1mV non-inverting amplifier settling
times. Just as the bandwidth of the LT1223 is fairly
constant for various closed-loop gains, the settling time
remains constant as well.
Adjustable Gain Amplifier
To make a variable gain amplifier with the LT1223, vary the
value of RG. The implementation of RG can be a pot, a light
controlled resistor, a FET, or any other low capacitance
variable resistor. The value of RF should not be varied to
change the gain. If RF is changed, then the bandwidth will
be reduced at maximum gain and the circuit will oscillate
when RF is very small.
LT1223 • TA03
+
–
IN
V
OUT
V
LT1223
RF
RG
Adjustable Bandwidth Amplifier
Because the resistance at the inverting input determines
the bandwidth of the LT1223, an adjustable bandwidth
circuit can be made easily. The gain is set as before with
RF and RG; the bandwidth is maximum when the variable
resistor is at a minimum.
Accurate Bandwidth Limiting The LT1223
It is very common to limit the bandwidth of an op amp by
putting a small capacitor in parallel with RF. DO NOT PUT
A SMALL CAPACITOR FROM THE INVERTING INPUT OF
A CURRENT FEEDBACK AMPLIFIER TO ANYWHERE ELSE,
ESPECIALLY NOT TO THE OUTPUT. The capacitor on the
inverting input will cause peaking or oscillations. If you
need to limit the bandwidth of a current feedback amplifier,
use a resistor and capacitor at the noninverting input (R1
& C1). This technique will also cancel (to a degree) the
peaking caused by stray capacitance at the inverting input.
Unfortunately, this will not limit the output noise the way
it does for the op amp.
LT1223 • TA04
+
–
IN
V
OUT
V
LT1223
RF
5k
RG
LT1223 • TA05
+
–
IN
V
OUT
V
LT1223
RF
RG
R1
R1 = 300
C1
Ω
C1 = 100pF
BW = 5MHz
LT1223 • TA06
+
–
IN
V
OUT
V
LT1223
RF
1k
CI
OUT
V
IN
V
1
sC R
=
I
I
I
R
Current Feedback Amplifier Integrator
Since we remember that the inverting input wants to see
a resistor, we can add one to the standard integrator
circuit. This generates a new summing node where we can
apply capacitive feedback. The LT1223 integrator has
excellent large signal capability and accurate phase shift at
high frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com