Electronic Components Datasheet Search
  English  ▼

X  

MBR790 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR790
Description  Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR790 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR790 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR790 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR790 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBR790 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IF(AV)
A
IRRM
A
0.95
0.92
-
-
dV/dt
V/μs
RθJC
RθJA
TJ
OC
TSTG
OC
Document Number: DS_D1308048
Version: J13
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
TO-220AC
Polarity:
As marked
MBR735 thru MBR7150
Taiwan Semiconductor
Schottky Barrier Rectifier
FEATURES
MBR
735
MBR
745
MBR
750
MBR
760
MBR
790
TO-220AC
MBR
7100
MBR
7150
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Mounting torque:
5 in-lbs maximum
Weight:
1.85 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
Maximum DC blocking voltage
Maximum average forward rectified current
7.5
Peak repetitive forward current
(Rated VR, Square Wave, 20KHz)
IFRM
15
0.72
A
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Peak repetitive reverse surge current (Note 1)
1
0.5
0.65
0.82
0.84
Maximum instantaneous forward voltage (Note 2)
IF=7.5 A, TJ=25℃
IF=7.5 A, TJ=125℃
IF=15 A, TJ=25℃
IF=15 A, TJ=125℃
VF
--
--
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
0.1
V
-
0.75
0.92
0.57
mA
15
10
5
Voltage rate of change (Rated VR)
10000
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
Typical thermal resistance
5
15
OC/W
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +175


Similar Part No. - MBR790

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR790 TSC-MBR790 Datasheet
60Kb / 2P
7.5 AMPS. Schottky Barrier Rectifiers
MBR790 TSC-MBR790 Datasheet
266Kb / 2P
7.5 AMPS. Schottky Barrier Rectifiers
MBR790 TSC-MBR790 Datasheet
656Kb / 2P
7.5 AMPS. Schottky Barrier Rectifiers
MBR790 TSC-MBR790 Datasheet
248Kb / 2P
7.5 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR790 KERSEMI-MBR790 Datasheet
987Kb / 2P
Plastic material used carries Underwriters Laboratory Classifications 94V-0
More results

Similar Description - MBR790

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com