Electronic Components Datasheet Search
  English  ▼

X  

MBR10100CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBR10100CT
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR10100CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBR10100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR10100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR10100CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBR10100CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
MBR1060CT
MBR1060CT
MBR1060CT
(TA=25℃ unless otherwise noted)
Document Number: DS_D1308060
Version: K13
MBR1035CT thru MBR10200CT
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
TO-220AB
DESCRIPTION
Note 1: "xx" defines voltage from 35V (MBR1035CT) to 200V (MBR10200CT)
MBR10xxCT
(Note 1)
Prefix "H"
C0
Suffix "G"
50 / Tube
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
AEC-Q101 qualified
Green compound
RATINGS AND CHARACTERISTICS CURVES
MBR1060CT C0
C0
MBR1060CT C0G
PACKING CODE
GREEN COMPOUND
CODE
MBR1060CTHC0
H
C0
C0
G
0
1
2
3
4
5
6
0
50
100
150
CASE TEMPERATURE (oC)
FIG.1- FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
0
30
60
90
120
150
180
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
TJ=75℃
TJ=125℃
TJ=25℃
0.1
1
10
100
1000
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
Pulse Width=300μs
1% Duty Cycle
MBR1050CT-1060CT
MBR1035CT-1045CT
MBR1090CT-10100CT
MBR10150-10200CT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com