Electronic Components Datasheet Search
  English  ▼

X  

MBR10200CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR10200CT
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR10200CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR10200CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR10200CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR10200CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBR10200CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
35
45
50
60
90
100
150
200
V
VRMS
24
31
35
42
63
70
105
140
V
VDC
35
45
50
60
90
100
150
200
V
IF(AV)
A
IRRM
A
dV/dt
V/μs
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1308060
Version: K13
MBR1035CT thru MBR10200CT
Taiwan Semiconductor
Dual Common Cathode Schottky Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
TO-220AB
MECHANICAL DATA
Case:
TO-220AB
Polarity:
As marked
Mounting torque:
5 in-lbs maximum
Weight:
1.88 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
MBR
1035
CT
MBR
1045
CT
MBR
1050
CT
MBR
1060
CT
MBR
1090
CT
MBR
10100
CT
MBR
10150
CT
MBR
10200
CT
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
10.5
Maximum DC blocking voltage
Maximum average forward rectified current
10
Peak repetitive forward current
(Rated VR, Square Wave, 20KHz)
IFRM
10
A
0.80
V
0.57
0.65
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
120
A
Peak repetitive reverse surge current (Note 1)
0.1
0.70
0.80
0.85
0.88
0.90
0.95
0.98
0.67
0.85
0.88
Maximum instantaneous forward voltage (Note 2)
IF= 5 A, TJ=25℃
IF= 5 A, TJ=125℃
IF= 10 A, TJ=25℃
IF= 10 A, TJ=125℃
VF
Operating junction temperature range
- 55 to +150
0.75
0.78
mA
15
10
Voltage rate of change (Rated VR)
10000
0.75
Storage temperature range
- 55 to +150
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
25
1.5
Typical thermal resistance


Similar Part No. - MBR10200CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR10200CT ETC-MBR10200CT Datasheet
222Kb / 1P
10 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200Volts
logo
Taiwan Semiconductor Co...
MBR10200CT TSC-MBR10200CT Datasheet
99Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10200CT TSC-MBR10200CT Datasheet
169Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10200CT TSC-MBR10200CT Datasheet
96Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBR10200CT KEC-MBR10200CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
More results

Similar Description - MBR10200CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com