Electronic Components Datasheet Search
  English  ▼

X  

LT1246 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1246
Description  1MHz Off-Line Current Mode PWM and DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1246 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1246 Datasheet HTML 2Page - Linear Technology LT1246 Datasheet HTML 3Page - Linear Technology LT1246 Datasheet HTML 4Page - Linear Technology LT1246 Datasheet HTML 5Page - Linear Technology LT1246 Datasheet HTML 6Page - Linear Technology LT1246 Datasheet HTML 7Page - Linear Technology LT1246 Datasheet HTML 8Page - Linear Technology LT1246 Datasheet HTML 9Page - Linear Technology LT1246 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT1246/LT1247
6
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Timing Resistor vs
Oscillator Frequency
ISENSE (Pin 3): Current Sense. This is the input to the
current sense comparator. The trip point of the compara-
tor is set by, and is proportional to, the output voltage of
the Error Amplifier.
RT/CT (Pin 4) : The oscillator frequency and the deadtime
are set by connecting a resistor (RT) from VREF to RT/CT
and a capacitor (CT) from RT/CT to GND.
The rise time of the oscillator waveform is set by the RC
time constant of RT and CT. The fall time, which is equal to
the output deadtime, is set by a combination of the RC time
constant and the oscillator sink current (8.2mA typ.).
COMP (Pin 1): Compensation Pin. This pin is the output of
the Error Amplifier and is made available for loop compen-
sation. It can also be used to adjust the maximum value of
the current sense clamp voltage to less than 1V. This pin
can source a minimum of 0.5mA (0.8mA typ.) and sink a
minimum of 2mA (4mA typ.)
FB (Pin 2): Voltage Feedback. This pin is the inverting
input of the Error Amplifier. The output voltage is normally
fed back to this pin through a resistive divider. The
noninverting input of the Error Amplifier is internally
committed to a 2.5V reference point.
PI
FU C
S
TI
OSCILLATOR FREQUENCY (Hz)
10k
1
10
100
100k
1M
LT1246 • TPC19
5nF
2nF
100pF
CT =10nF
1nF
VCC = 15V
TJ = 25°C
500pF
200pF
VCC = 15V
TIME 50ns/DIV
CL = 1nF
1246/7 G20
VCC = 15V
TIME 50ns/DIV
CL = 1nF
1246/7 G21
Output Rise and Fall Time
Current Sense Delay
Output Cross-Conduction
VCC = 15V
TIME 50ns/DIV
CL = 15pF
1246/7 G22
Output Deadtime vs
Oscillator Frequency
OSCILLATOR FREQUENCY (kHz)
0
0
10
20
30
40
50
60
100
1000
LT1246 • TPC18*
5nF
2nF
1nF
100pF
500pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com