Electronic Components Datasheet Search
  English  ▼

X  

MBR3050CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR3050CT
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR3050CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR3050CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR3050CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBR3050CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBR3050CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IF(AV)
A
IRRM
A
0.95
0.92
1.02
0.98
0.1
5
dV/dt
V/μs
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1308040
Version: J13
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
1.0
0.5
7.5
0.2
Typical thermal resistance
1.0
1.5
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
mA
15
10
Voltage rate of change (Rated VR)
10000
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
V
0.7
0.77
0.84
0.6
0.67
0.70
0.82
Maximum instantaneous forward voltage (Note 2)
IF=15A, TJ=25℃
IF=15A, TJ=125℃
IF=30A, TJ=25℃
IF=30A, TJ=125℃
VF
-0.94
0.73
-
0.82
A
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
200
A
Peak repetitive reverse surge current (Note 1)
SYMBOL
Maximum DC blocking voltage
Maximum average forward rectified current
30
Peak repetitive forward current
(Rated VR, Square wave, 20KHz)
IFRM
30
TO-220AB
MBR
30100
CT
MBR
30150
CT
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Mounting torque:
5 in-lbs maximum
Weight:
1.9 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
MBR3035CT thru MBR30150CT
Taiwan Semiconductor
Dual Common Cathode Schottky Rectifier
FEATURES
MBR
3035
CT
MBR
3045
CT
MBR
3050
CT
MBR
3060
CT
MBR
3090
CT
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
TO-220AB
Polarity:
As marked


Similar Part No. - MBR3050CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3050CT MCC-MBR3050CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Taiwan Semiconductor Co...
MBR3050CT TSC-MBR3050CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3050CT TSC-MBR3050CT Datasheet
357Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR3050CT PANJIT-MBR3050CT Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBR3050CT BILIN-MBR3050CT Datasheet
309Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR3050CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com