Electronic Components Datasheet Search
  English  ▼

X  

LT1246C Datasheet(PDF) 5 Page - Linear Technology

Part # LT1246C
Description  1MHz Off-Line Current Mode PWM and DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1246C Datasheet(HTML) 5 Page - Linear Technology

  LT1246C Datasheet HTML 1Page - Linear Technology LT1246C Datasheet HTML 2Page - Linear Technology LT1246C Datasheet HTML 3Page - Linear Technology LT1246C Datasheet HTML 4Page - Linear Technology LT1246C Datasheet HTML 5Page - Linear Technology LT1246C Datasheet HTML 6Page - Linear Technology LT1246C Datasheet HTML 7Page - Linear Technology LT1246C Datasheet HTML 8Page - Linear Technology LT1246C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1246/LT1247
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
High Level Output
Feedback Pin Input Voltage
Current Sense Clamp Voltage
Saturation Voltage
Low Level Output
Low Level Output Saturation Voltage
Supply Current vs
Saturation Voltage
During Undervoltage Lockout
Oscillator Frequency
OUTPUT SOURCE CURRENT (mA)
0
0
4.0
200
LT1246 • TPC12
0.5
2.0
2.5
1.0
1.5
3.0
3.5
TJ = –55°C
TJ = 25°C
TJ = 125°C
100
Error Amplifier Open-Loop Gain
and Phase
Current Sense Input Threshold
TEMPERATURE (
°C)
–50
2.45
2.55
– 25
25
75
125
LT1246 • TPC10
0
50
100
2.46
2.50
2.51
2.47
2.48
2.49
2.52
2.53
2.54
TEMPERATURE (
°C)
–50
0.95
1.05
– 25
25
75
125
LT1246 • TPC11
0
50
100
0.96
1.00
1.01
0.97
0.98
0.99
1.02
1.03
1.04
OSCILLATOR FREQUENCY (Hz)
10k
9
10
13
14
100k
1M
LT1246 • TPC15
12
11
OUTPUT SINK CURRENT (mA)
0
0
4.0
510
LT1246 • TPC14
2.0
0.5
1.0
1.5
2.5
3.0
3.5
TJ = 125°C
TJ = –55°C
TJ = 25°C
OUTPUT SINK CURRENT (mA)
0
0
1.0
100
200
LT1246 • TPC13
TJ = –55°C
TJ = 25°C
TJ = 125°C
0.5
FREQUENCY (Hz)
10
–20
100
10k
10M
LT1246 • TPC16
40
0
20
60
80
100
1k
100k
1M
PHASE
GAIN
180
–45
225
90
0
45
135
ERROR AMP OUTPUT VOLTAGE (V)
0
0
1.2
36
LT1246 • TPC17
0.6
0.2
0.4
0.8
1.0
12
4
5
TJ = –55°C
TJ = 25°C
TJ =125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com