Electronic Components Datasheet Search
  English  ▼

X  

MBRF15100CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF15100CT
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF15100CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF15100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF15100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF15100CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF15100CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IF(AV)
A
IRRM
A
0.95
0.92
-
-
dV/dt
V/μs
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1309016
Version: I13
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
ITO-220AB
Polarity:
As marked
MBRF1535CT thru MBRF15150CT
Taiwan Semiconductor
Dual Common Cathode Schottky Rectifier
FEATURES
MBRF
1535
CT
MBRF
1545
CT
MBRF
1550
CT
MBRF
1560
CT
MBRF
1590
CT
ITO-220AB
MBRF
15100
CT
MBRF
15150
CT
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Mounting torque:
5 in-lbs maximum
Weight:
1.7 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
Maximum DC blocking voltage
Maximum average forward rectified current
15
Peak repetitive forward current
(Rated VR, Square Wave, 20KHz)
IFRM
15
A
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Peak repetitive reverse surge current (Note 1)
0.82
0.84
Maximum instantaneous forward voltage (Note 2)
IF= 7.5 A, TJ=25℃
IF= 7.5 A, TJ=125℃
IF= 15 A, TJ=25℃
IF= 15 A, TJ=125℃
VF
--
0.72
-
-
Maximum reverse current @ rated VR
TJ=25 ℃
TJ=125 ℃
IR
V
-
0.75
0.92
0.57
0.65
- 55 to +150
Storage temperature range
- 55 to +150
mA
10
7.5
5
Voltage rate of change (Rated VR)
10000
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
10.5
0.5
0.3
0.1
Typical thermal resistance
3.5
Operating junction temperature range


Similar Part No. - MBRF15100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF15100CT TSC-MBRF15100CT Datasheet
117Kb / 2P
Isolation 15.0 AMPS. Schottky Barrier Rectifiers
MBRF15100CT TSC-MBRF15100CT Datasheet
333Kb / 2P
Isolated 15.0 AMPS. Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
MBRF15100CT BILIN-MBRF15100CT Datasheet
336Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF15100CT TSC-MBRF15100CT Datasheet
192Kb / 2P
15.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF15100CT LUGUANG-MBRF15100CT Datasheet
264Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - MBRF15100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com