Electronic Components Datasheet Search
  English  ▼

X  

MBRF2035 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF2035
Description  Isolated Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF2035 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF2035 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF2035 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF2035 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF2035 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test,
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
35
45
50
60
90
100
V
VRMS
24
31
35
42
63
70
V
VDC
35
45
50
60
90
100
V
IF(AV)
A
IRRM
A
dV/dt
V/μs
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1309013
Version: I13
MBRF2035 thru MBRF20100
Taiwan Semiconductor
Isolated Schottky Barrier Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
ITO-220AC
Case:
ITO-220AC
Polarity:
As marked
Mounting torque:
5 in-lbs maximum
Weight:
1.8 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
MBRF
2035
MBRF
2045
MBRF
2050
MBRF
2060
MBRF
2090
MBRF
20100
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
20
Peak repetitive forward current
(Rated VR, square wave, 20KHz)
IFRM
40
A
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
150
A
Peak repetitive reverse surge current (Note 1)
1
0.5
V
0.75
0.82
0.95
0.65
0.72
0.87
Maximum reverse current @ Rated VR TJ=25 ℃
TJ=125 ℃
IR
0.2
0.1
Maximum instantaneous forward voltage (Note 2)
IF=20A, TJ=25℃
IF=20A, TJ=125℃
VF
mA
15
10
5
Storage temperature range
- 55 to +150
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
Voltage rate of change (Rated VR)
10000
Typical thermal resistance
3
Operating junction temperature range
- 55 to +150


Similar Part No. - MBRF2035

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF2035 TSC-MBRF2035 Datasheet
272Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035 TSC-MBRF2035 Datasheet
149Kb / 2P
20.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF2035 LUGUANG-MBRF2035 Datasheet
214Kb / 2P
Isolated 20.0AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF2035 TSC-MBRF2035 Datasheet
248Kb / 3P
20.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Mospec Semiconductor
MBRF2035C MOSPEC-MBRF2035C Datasheet
146Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
More results

Similar Description - MBRF2035

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF10H100CT TSC-MBRF10H100CT_11 Datasheet
187Kb / 2P
10.0AMPS Isolated Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_13 Datasheet
246Kb / 3P
8.0AMPS. Isolated Schottky Barrier Rectifiers
MBRF16H45 TSC-MBRF16H45_14 Datasheet
209Kb / 4P
Isolated Schottky Barrier Rectifiers
MBRF735 TSC-MBRF735_14 Datasheet
226Kb / 4P
Isolated Schottky Barrier Rectifiers
MBRF1035 TSC-MBRF1035_14 Datasheet
226Kb / 4P
Isolated Schottky Barrier Rectifiers
MBRF1635 TSC-MBRF1635_14 Datasheet
220Kb / 4P
Isolated Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520_14 Datasheet
250Kb / 4P
Isolated Schottky Barrier Rectifiers
SRAF820 TSC-SRAF820_14 Datasheet
218Kb / 4P
Isolated Schottky Barrier Rectifiers
SRAF1020 TSC-SRAF1020_14 Datasheet
215Kb / 4P
Isolated Schottky Barrier Rectifiers
SRAF1620 TSC-SRAF1620_14 Datasheet
215Kb / 4P
Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com