Electronic Components Datasheet Search
  English  ▼

X  

LT1014 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1014
Description  Quad Precision Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1014 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1014_15 Datasheet HTML 17Page - Linear Technology LT1014_15 Datasheet HTML 18Page - Linear Technology LT1014_15 Datasheet HTML 19Page - Linear Technology LT1014_15 Datasheet HTML 20Page - Linear Technology LT1014_15 Datasheet HTML 21Page - Linear Technology LT1014_15 Datasheet HTML 22Page - Linear Technology LT1014_15 Datasheet HTML 23Page - Linear Technology LT1014_15 Datasheet HTML 24Page - Linear Technology LT1014_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT1013/LT1014

10134fd
scheMaTic DiagraM
1/2 LT1013, 1/4 LT1014
9k
9k
1.6k
5k
2k
5k
Q5
Q6
1.6k
Q16
Q30
Q14
Q13
Q3
Q4
Q1
Q21
400
Q2
Q22
400
Q12
Q11
1.6k
Q15
100
2k
Q9
Q7
Q29
Q17
1.3k
Q20
Q26
10pF
Q8
Q23
Q31
3.9k
21pF
2.5pF
Q32
1k
Q18
Q19
Q25
2.4k
18
100pF
4pF
2k
75pF
Q24
30
42k
14k
Q33
Q34
Q37
Q38
Q40
J1
Q39
Q41
600
800
V–
V+
IN
IN
Q10
OUTPUT
Q35
Q36
Q27
Q28
–
+
1013/14 SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com