Electronic Components Datasheet Search
  English  ▼

X  

LT1245 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1245
Description  High Speed Current Mode Pulse Width Modulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1245 Datasheet(HTML) 5 Page - Linear Technology

  LT1245 Datasheet HTML 1Page - Linear Technology LT1245 Datasheet HTML 2Page - Linear Technology LT1245 Datasheet HTML 3Page - Linear Technology LT1245 Datasheet HTML 4Page - Linear Technology LT1245 Datasheet HTML 5Page - Linear Technology LT1245 Datasheet HTML 6Page - Linear Technology LT1245 Datasheet HTML 7Page - Linear Technology LT1245 Datasheet HTML 8Page - Linear Technology LT1245 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1241 Series
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Error Amplifier Open-Loop Gain
and Phase
Current Sense Clamp Voltage
Current Sense Input Threshold
Low Level Output Saturation
High Level Output
Low Level Output
Voltage During Undervoltage
Saturation Voltage
Saturation Voltage
Lockout
TEMPERATURE (
°C)
–50
20
140
–25
25
75
125
LT1241 • TPC09
0
50
100
40
80
100
120
60
TEMPERATURE (
°C)
–50
4.95
5.05
–25
25
75
125
LT1241 • TPC10
0
50
100
4.96
5.00
5.01
4.97
4.98
4.99
5.02
5.03
5.04
IO = 1mA
Reference Voltage
Reference Short-Circuit Current
Feedback Pin Input Voltage
TEMPERATURE (
°C)
–50
2.45
2.55
– 25
25
75
125
LT1241 • TPC11
0
50
100
2.46
2.50
2.51
2.47
2.48
2.49
2.52
2.53
2.54
ERROR AMP OUTPUT VOLTAGE (V)
0
0
1.2
36
LT1241 • TPC17
0.6
0.2
0.4
0.8
1.0
12
4
5
TJ = –55°C
TJ =125°C
TJ = 25°C
TEMPERATURE (
°C)
–50
0.95
1.05
–25
25
75
125
LT1241 • TPC12
0
50
100
0.96
1.00
1.01
0.97
0.98
0.99
1.02
1.03
1.04
FREQUENCY (Hz)
10
–20
100
10k
10M
LT1241 • TPC16
40
0
20
60
80
100
1k
100k
1M
PHASE
GAIN
VCC = 15V
VO = 2.0V - 4.0V
RL = 100k
TA = 25°C
180
–45
225
90
0
45
135
OUTPUT SOURCE CURRENT (mA)
0
0
4.0
200
LT1241 • TPC13
0.5
2.0
2.5
1.0
1.5
3.0
3.5
TJ = –55°C
TJ = 25°C
TJ = 125°C
100
OUTPUT SINK CURRENT (mA)
0
0
1.0
100
200
LT1241 • TPC14
TJ = –55°C
TJ = 25°C
TJ = 125°C
0.5
OUTPUT SINK CURRENT (mA)
0
0
4.0
510
LT1241 • TPC15
2.0
0.5
1.0
1.5
2.5
3.0
3.5
TJ = 125°C
TJ = –55°C
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com