Electronic Components Datasheet Search
  English  ▼

X  

MBRF20200CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF20200CT
Description  Dual Common Cathode Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF20200CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF20200CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF20200CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF20200CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MBRF20200CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Guardring for overvoltage protection
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
35
45
50
60
80
90
100
150
200
V
VRMS
24
31
35
42
56
63
70
105
140
V
VDC
35
45
50
60
80
90
100
150
200
V
IF(AV)
A
IRRM
A
0.80
0.65
1.00
0.75
30
dV/dt
V/μs
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: D1308017
Version: N13
V
1.5
3.5
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
Typical thermal resistance
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
2
Isolation voltage from
terminals to heatsink with t=1.0 min
VAC
0.85
0.85
0.95
1500
Maximum instantaneous forward voltage (Note 2)
IF= 10 A, TJ=25℃
IF= 10 A, TJ=125℃
IF= 20 A, TJ=25℃
IF= 20 A, TJ=125℃
VF
0.84
mA
15
10
Voltage rate of change (Rated VR)
10000
Maximum reverse current @ rated VR
TJ=25 ℃
TJ=125 ℃
IR
0.1
5
0.80
0.80
0.85
0.95
0.57
0.70
0.75
0.85
0.95
0.95
1.05
V
0.72
A
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
150
A
Peak repetitive reverse surge current (Note 1)
1
0.5
Maximum DC blocking voltage
Maximum average forward rectified current
20
Peak repetitive forward current
(Rated VR, Square wave, 20KHz)
IFRM
20
MBRF
20100
CT
MBRF
20150
CT
MBRF
20200
CT
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
MBRF
2080
CT
Mounting torque:
5 in-lbs maximum
Weight:
1.7 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
MBRF
2035
CT
MBRF
2045
CT
MBRF
2050
CT
MBRF
2060
CT
MBRF
2090
CT
ITO-220AB
MECHANICAL DATA
Case:
ITO-220AB
Polarity:
As marked
MBRF2035CT thru MBRF20200CT
Taiwan Semiconductor
Dual Common Cathode Schottky Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC


Similar Part No. - MBRF20200CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF20200CT MOTOROLA-MBRF20200CT Datasheet
82Kb / 4P
SWITCHMODE??Schottky Power Rectifirer
logo
Taiwan Semiconductor Co...
MBRF20200CT TSC-MBRF20200CT Datasheet
122Kb / 2P
Isolation 20.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBRF20200CT KEC-MBRF20200CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
Diotech Company.
MBRF20200CT DIOTECH-MBRF20200CT Datasheet
871Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
ON Semiconductor
MBRF20200CT ONSEMI-MBRF20200CT Datasheet
101Kb / 4P
SWITCHMODE Schottky Power Rectifier
August, 2008 ??Rev. 7
More results

Similar Description - MBRF20200CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
SBL1630CT VISHAY-SBL1630CT_08 Datasheet
156Kb / 5P
Dual Common-Cathode Schottky Rectifier
07-May-08
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
Dual Common-Cathode Schottky Rectifier
25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR1560CT-E3-45 VISHAY-MBR1560CT-E3-45 Datasheet
488Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com