Electronic Components Datasheet Search
  English  ▼

X  

LT1304 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1304
Description  Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1304 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1304 Datasheet HTML 8Page - Linear Technology LT1304 Datasheet HTML 9Page - Linear Technology LT1304 Datasheet HTML 10Page - Linear Technology LT1304 Datasheet HTML 11Page - Linear Technology LT1304 Datasheet HTML 12Page - Linear Technology LT1304 Datasheet HTML 13Page - Linear Technology LT1304 Datasheet HTML 14Page - Linear Technology LT1304 Datasheet HTML 15Page - Linear Technology LT1304 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1304/LT1304-3.3/LT1304-5
TYPICAL APPLICATIONS
2- to 4-Cell to 5V Converter with Output Disconnect
VIN
VIN
2V TO 6V
SW
GND
ILIM
NC
SENSE
LT1304-5
22
µF*
47
µF*
L1**
22
µH
MBRS130L
ZTX788B
2k
*AVX TPS SERIES TANTALUM
OR SANYO OS-CON
**SUMIDA CD54-220
1304 TA17
SHUTDOWN
SHDN
+
+
220
µF*
5V
100mA
+
VIN
SW
GND
NC
FB
ILIM
34
16
LT1304
MBR0530
0.01
µF
0.01
µF
0.01
µF
0.01
µF
47
µF
T1*
1304 TA16
SHDN
SHUTDOWN
0.1
µF
VIN
2V TO 6V
+
R2
620k
R1**
500M
VOUT
1kV
250
µA
VOUT = 1.24V 1+
R1
R2
()
0.01
µF
0.01
µF
0.01
µF
0.01
µF
0.01
µF
* DALE LPE3325-A205 TRANSFORMER MEASURES
6.5mm
× 8.2mm × 5.2mm (H)
(605) 665-9301
** IRC CGX-1/2
ALL 0.01
µF CAPACITORS 250WVDC
BAS21 OR MUR130
DANGER!
HIGH
VOLTAGE
2- to 4-Cell to 1kV Step-Up Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com