Electronic Components Datasheet Search
  English  ▼

X  

LT1170 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1170
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1170 Datasheet(HTML) 2 Page - Linear Technology

  LT1170_15 Datasheet HTML 1Page - Linear Technology LT1170_15 Datasheet HTML 2Page - Linear Technology LT1170_15 Datasheet HTML 3Page - Linear Technology LT1170_15 Datasheet HTML 4Page - Linear Technology LT1170_15 Datasheet HTML 5Page - Linear Technology LT1170_15 Datasheet HTML 6Page - Linear Technology LT1170_15 Datasheet HTML 7Page - Linear Technology LT1170_15 Datasheet HTML 8Page - Linear Technology LT1170_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT1170/LT1171/LT1172
2
117012fg
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
LT1170/LT1171/LT1172HV (Note 2).......................60V
LT1170/LT1171/LT1172 (Note 2)............................40V
Switch Output Voltage
LT1170/LT1171/LT1172HV.....................................75V
LT1170/LT1171/LT1172 .........................................65V
LT1172S8..............................................................60V
Feedback Pin Voltage (Transient, 1ms) ................... ±15V
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec.................... 300°C
(Note 1)
PIN CONFIGURATION
Operating Junction Temperature Range
LT1170M/LT1171M (OBSOLETE) ....... –55°C to 150°C
LT1172M ............................................ –55°C to 125°C
LT1170/LT1171/LT1172HVC,
LT1170/LT1171/LT1172C (Oper.)............. 0°C to 100°C
LT1170/LT1171/LT1172HVC
LT1170/LT1171/LT1172C (Sh. Ckt.) ........ 0°C to 125°C
LT1170/LT1171/LT1172HVI,
LT1170/LT1171/LT1172I (Oper.).......... –40°C to 100°C
LT1170/LT1171/LT1172HVI,
LT1170/LT1171/LT1172I (Sh. Ckt.)...... –40°C to 125°C
1
2
3
4
8
7
6
5
TOP VIEW
GND
VC
FB
NC*
E2
VSW
E1
VIN
J8 PACKAGE
8-LEAD CERDIP
TJMAX = 125°C, θJA = 100°C/W
* Do not connect Pin 4 of the LT1172 DIP or SO to external
circuitry. This pin may be active in future revisions.
2
4
1
3
VSW
VC
FB
CASE
IS GND
VIN
K PACKAGE
4-LEAD TO-3 METAL CAN
BOTTOM VIEW
LT1170MK: TJMAX = 150°C, θJC = 2°C/W, θJA = 35°C/W
LT1170CK: TJMAX = 100°C, θJC = 2°C/W, θJA = 35°C/W
LT1171MK: TJMAX = 150°C, θJC = 4°C/W, θJA = 35°C/W
LT1171CK: TJMAX = 100°C, θJC = 4°C/W, θJA = 35°C/W
LT1172MK: TJMAX = 150°C, θJC = 8°C/W, θJA = 35°C/W
LT1172CK: TJMAX = 100°C, θJC = 8°C/W, θJA = 35°C/W
Based on continuous operation.
TJMAX = 125°C for intermittent fault conditions.
OBSOLETE
N8 PACKAGE
8-LEAD PDIP
1
2
3
4
8
7
6
5
TOP VIEW
GND
VC
FB
NC*
E2
VSW
E1
VIN
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 100°C, θJA = 100°C/W (N)
TJMAX = 100°C, θJA = 120°C/W to 150°C/W
depending on board layout (S)
* Do not connect Pin 4 of the LT1172 DIP or SO to external
circuitry. This pin may be active in future revisions.
Q PACKAGE
5-LEAD DD
VIN
VSW
GND
FB
VC
FRONT VIEW
5
4
3
2
1
TJMAX = 100°C, θJA = *°C/W
*
θ will vary from approximately 25°C/W with 2.8 sq.
in. of 1oz. copper to 45°C/W with 0.20 sq. in. of 1oz.
copper. Somewhat lower values can be obtained with
additional copper layers in multilayer boards.
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
NC
GND
VC
FB
NC
NC
NC
NC
NC
E2
VSW
E1
VIN
NC
NC
TJMAX = 100°C, θJA = 150°C/W
Based on continuous operation.
TJMAX = 125°C for intermittent fault conditions.
T PACKAGE
5-LEAD PLASTIC TO-220
VIN
VSW
GND
FB
VC
FRONT VIEW
5
4
3
2
1
LT1170CT/LT1170HVCT: TJMAX =100°C, θJC = 2°C/W, θJA = 75°C/W
LT1171CT/LT1171HVCT: TJMAX =100°C, θJC = 4°C/W, θJA = 75°C/W
LT1172CT/LT1172HVCT: TJMAX =100°C, θJC = 8°C/W, θJA = 75°C/W
Based on continuous operation.
TJMAX = 125°C for intermittent fault conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com