Electronic Components Datasheet Search
  English  ▼

X  

LT1304CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1304CS8
Description  Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1304CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1304CS8 Datasheet HTML 8Page - Linear Technology LT1304CS8 Datasheet HTML 9Page - Linear Technology LT1304CS8 Datasheet HTML 10Page - Linear Technology LT1304CS8 Datasheet HTML 11Page - Linear Technology LT1304CS8 Datasheet HTML 12Page - Linear Technology LT1304CS8 Datasheet HTML 13Page - Linear Technology LT1304CS8 Datasheet HTML 14Page - Linear Technology LT1304CS8 Datasheet HTML 15Page - Linear Technology LT1304CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LT1304/LT1304-3.3/LT1304-5
TYPICAL APPLICATIONS
Single Li-Ion Cell to 5V Converter with Load Disconnect at VIN < 2.7V
VIN
SW
GND
FB
5V
LT1304
47
µF**
16V
47
µF**
L1*
22
µH
D1†
1.07M
1%
12V
200mA
124k
1%
*SUMIDA CD54-220
**AVX TPSD476M016R0150
† MOTOROLA MBRS130L
1304 TA11
SHUTDOWN
SHDN
+
+
5V to 12V DC/DC Converter
5V to 12V Converter Efficiency
LOAD CURRENT (mA)
1
10
100
300
1304 TA12
90
85
80
75
70
65
+
1304 TA13
LT1304CS8-5
22
µH**
MBRS130LT3
(5V)
(2.7V to 4.2V)
SW
GND
SENSE
NC
220k
*PRIMARY Li-Ion BATTERY PROTECTION MUST BE
PROVIDED BY AN INDEPENDENT CIRCUIT
**SUMIDA CD54-220
†AVX TPSD107M010R0100
LBO
VIN
ILIM
LBI
100
µF†
10V
SHDN
LTC1477
VOUT
VIN2
GND
VOUT
VIN1
VINS
NC
NC
VIN3
EN
562k
1%
432k
1%
SINGLE
Li-Ion
CELL*
+
100
µF
16V
+
1
µF
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com