Electronic Components Datasheet Search
  English  ▼

X  

LT1307BCMS8 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1307BCMS8
Description  Single Cell Micropower 600kHz PWM DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1307BCMS8 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1307BCMS8 Datasheet HTML 9Page - Linear Technology LT1307BCMS8 Datasheet HTML 10Page - Linear Technology LT1307BCMS8 Datasheet HTML 11Page - Linear Technology LT1307BCMS8 Datasheet HTML 12Page - Linear Technology LT1307BCMS8 Datasheet HTML 13Page - Linear Technology LT1307BCMS8 Datasheet HTML 14Page - Linear Technology LT1307BCMS8 Datasheet HTML 15Page - Linear Technology LT1307BCMS8 Datasheet HTML 16Page - Linear Technology LT1307BCMS8 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1307/LT1307B
APPLICATIONS INFORMATION
tions where small size is not critical, Panasonic HFQ series
aluminum electrolytic capacitors have been found to per-
form well.
Table 2. Vendor Telephone Numbers
VENDOR
COMPONENTS
TELEPHONE
Coilcraft
Inductors
(708) 639-6400
Marcon
Capacitors
(708) 913-9980
Murata-Erie
Inductors, Capacitors
(404) 436-1300
Sumida
Inductors
(847) 956-0666
Tokin
Capacitors
(408) 432-8020
AVX
Capacitors
(207) 282-5111
Sprague
Capacitors
(603) 224-1961
Coiltronics
Inductors
(407) 241-7876
Diodes
Most of the application circuits on this data sheet specify
the Motorola MBR0520L surface mount Schottky diode.
This 0.5A, low drop diode complements the LT1307 quite
well. In lower current applications, a 1N4148 can be used,
although efficiency will suffer due to the higher forward
drop. This effect is particularly noticeable at low output
voltages. For higher voltage output applications, such as
LCD bias generators, the extra drop is a small percentage
of the output voltage so the efficiency penalty is small. The
low cost of the 1N4148 makes it attractive wherever it can
be used. In through hole applications the 1N5818 is the all
around best choice.
SHUTDOWN PIN
The LT1307 has a Shutdown pin (SHDN) that must be
grounded to shut the device down or tied to a voltage equal
or greater than VIN to operate. The shutdown circuit is
shown in Figure 13.
Note that allowing SHDN to float turns on both the start-
up current (Q2) and the shutdown current (Q3) for VIN >
2VBE. The LT1307 doesn’t know what to do in this situation
and behaves erratically. SHDN voltage above VIN is al-
lowed. This merely reverse-biases Q3’s base emitter junc-
tion, a benign condition.
Figure 13. Shutdown Circuit
VIN
Q3
SHUTDOWN
CURRENT
R2
400k
200k
Q2
1307 F13
Q1
START-UP
CURRENT
SHDN
LOW-BATTERY DETECTOR
The LT1307’s low-battery detector is a simple PNP input
gain stage with an open collector NPN output. The nega-
tive input of the gain stage is tied internally to a 200mV
±5% reference. The positive input is the LBI pin. Arrange-
ment as a low-battery detector is straightforward. Figure
14 details hookup. R1 and R2 need only be low enough in
value so that the bias current of the LBI pin doesn’t cause
large errors. For R2, 100k is adequate. The 200mV refer-
ence can also be accessed as shown in Figure 15.
LBO
LBI
TO PROCESSOR
R1
1M
R2
100k
VIN
LT1307
1307 F14
3.3V
GND
200mV
INTERNAL
REFERENCE
–
+
R1 =
VLB – 200mV
2
µA
Figure 14. Setting Low-Battery Detector Trip Point
VIN
LT1307
LBI
LBO
200k
10
µF
GND
+
10k
1307 F15
2N3906
VREF
200mV
Figure 15. Accessing 200mV Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com