Electronic Components Datasheet Search
  English  ▼

X  

LT1312 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1312
Description  Single PCMCIA VPP Driver/Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1312 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1312 Datasheet HTML 4Page - Linear Technology LT1312 Datasheet HTML 5Page - Linear Technology LT1312 Datasheet HTML 6Page - Linear Technology LT1312 Datasheet HTML 7Page - Linear Technology LT1312 Datasheet HTML 8Page - Linear Technology LT1312 Datasheet HTML 9Page - Linear Technology LT1312 Datasheet HTML 10Page - Linear Technology LT1312 Datasheet HTML 11Page - Linear Technology LT1312 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1312
APPLICATIONS INFORMATION
Table 1. S8 Package*
COPPER AREA
THERMAL RESISTANCE
TOPSIDE
BACKSIDE
BOARD AREA (JUNCTION-TO-AMBIENT)
2500 sq mm
2500 sq mm
2500 sq mm
120
°C/W
1000 sq mm
2500 sq mm
2500 sq mm
120
°C/W
225 sq mm
2500 sq mm
2500 sq mm
125
°C/W
1000 sq mm
1000 sq mm
1000 sq mm
131
°C/W
*Device is mounted topside.
Calculating Junction Temperature
Example: given an output voltage of 12V, an input supply
voltage of 14V, an output current of 100mA, and a
maximum ambient temperature of 50
°C, what will the
maximum junction temperature be?
Power dissipated by the device will be equal to:
IOUT × (VS – VPPOUT) + (IGND × VIN)
where:
IOUT = 100mA
VIN = 14V
IGND at (IOUT = 100mA, VIN = 14V) = 5mA
so,
PD = 100mA × (14V – 12V) + (5mA × 15V) = 0.275W
Using Table 1, the thermal resistance will be in the range
of 120
°C/W to 131°C/W depending upon the copper area.
So the junction temperature rise above ambient will be
less than or equal to:
0.275W
× 131°C/W = 36°C
The maximum junction temperature will then be equal to
the junction temperature rise above ambient plus the
maximum ambient temperature or:
TJMAX = 50°C + 36°C = 86°C.
Transient and Switching Performance
The LT1312 is designed to produce minimal overshoot with
capacitors in the range of 1
µF to 10µF. Larger capacitor
values can be used with a slowing of rise and fall times.
The positive output slew rate is determined by the 330mA
current limit and the output capacitor. The rise time for a
0V to 12V transition is approximately 40
µs, the rise time
for a 10
µF capacitor is roughly 400µs (see the Transient
Response curves in the Typical Performance Characteris-
tics section).
The fall time from 12V to 0V is set by the output capacitor
and an internal pull-down current source which sinks
about 30mA. This source will fully discharge a 1
µF capaci-
tor in less than 1ms.
Thermal Considerations
Power dissipated by the device is the sum of two compo-
nents: output current multiplied by the input-output differ-
ential voltage IOUT × (VIN – VOUT), and ground pin current
multiplied by supply voltage IGND × VIN.
The ground pin current can be found by examining the
Ground Pin Current curves in the Typical Performance
Characteristics section.
Heat sinking, for surface mounted devices, is accom-
plished by using the heat spreading capabilities of the PC
board and its copper traces.
The junction temperature of the LT1312 must be limited to
125
°C to ensure proper operation. Use Table 1 in conjunc-
tion with the typical performance graphs, to calculate the
power dissipation and die temperature for a particular
application and ensure that the die temperature does not
exceed 125
°C under any operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com