Electronic Components Datasheet Search
  English  ▼

X  

FT0042A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # FT0042A
Description  Avalanche Rated P-MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FT0042A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  FT0042A_15 Datasheet HTML 1Page - Solid States Devices, Inc FT0042A_15 Datasheet HTML 2Page - Solid States Devices, Inc FT0042A_15 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FT0042A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF110P05J
SFF110P05M
SFF110P05S1
Electrical Characteristics4/
Symbol
Min
Typ
Max Units
Drain to Source Breakdown Voltage
VGS = 0V, ID = 250μA
BVDSS
-50
––
––
V
Drain to Source On State
Resistance
VGS = -10V, ID = -70A, Tj = 25
oC
VGS = 10V, ID = -70A, Tj =125
oC
VGS = 10V, ID = -70A, Tj = 150
oC
RDS(on)
––
––
––
9
14
15
14
22
––
mΩ
Gate Threshold Voltage
VDS = VGS, ID = -0.25mA, Tj = 25
oC
VDS = VGS, ID = 1.0mA, Tj = 125
oC
VDS = VGS, ID = 1.0mA, Tj = -55
oC
VGS(th)
-2.0
2.0
––
––
––
––
-4.0
––
––
V
Gate to Source Leakage
VGS = ±20V, Tj = 25
oC
VGS = ±20V, Tj = 125
oC
IGSS
––
––
10
30
±100
––
nA
Zero Gate Voltage Drain Current
VDS = -50V, VGS = 0V, Tj = 25
oC
VDS = -50V, VGS = 0V, Tj = 125
oC
IDSS
––
––
-10
-750
μA
μA
Forward Transconductance
VDS = -10V, ID = -70A, Tj = 25
oC
VDS = -10V, ID = -70A, Tj = -40
oC
VDS = -10V, ID = -70A, Tj = 125
oC
gfs
40
70
85
63
––
Mho
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = -10V
VDS = -25V
ID = -70A
Qg
Qgs
Qgd
––
––
––
200
50
65
350
-
-
nC
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
VGS = -10V
VDS = -30V
ID = -50A
RG = 1.0Ω, pw= 3us
td(on)
tr
td(off)
tf
––
––
––
––
30
35
40
25
45
75
100
75
nsec
Diode Forward Voltage
IF = -70A, VGS = 0V
VSD
––
-
1.3
V
Diode Reverse Recovery Time
Reverse Recovery Charge
IF = -70A, di/dt = -100A/usec
trr
Qrr
––
––
55
60
250
––
nsec
nC
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1 MHz
Ciss
Coss
Crss
––
––
––
13,500
1650
650
––
––
––
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com