Electronic Components Datasheet Search
  English  ▼

X  

LT1631 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1631
Description  30MHz, 10V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1631 Datasheet(HTML) 1 Page - Linear Technology

  LT1631 Datasheet HTML 1Page - Linear Technology LT1631 Datasheet HTML 2Page - Linear Technology LT1631 Datasheet HTML 3Page - Linear Technology LT1631 Datasheet HTML 4Page - Linear Technology LT1631 Datasheet HTML 5Page - Linear Technology LT1631 Datasheet HTML 6Page - Linear Technology LT1631 Datasheet HTML 7Page - Linear Technology LT1631 Datasheet HTML 8Page - Linear Technology LT1631 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT1630/LT1631

16301fa
Typical applicaTion
FeaTures
DescripTion
30MHz, 10V/µs, Dual/Quad
Rail-to-Rail Input and Output
Precision Op Amps
The LT®1630/LT1631 are dual/quad, rail-to-rail input and
output op amps with a 30MHz gain-bandwidth product
and a 10V/µs slew rate.
The LT1630/LT1631 have excellent DC precision over the
full range of operation. Input offset voltage is typically
less than 150µV and the minimum open-loop gain of one
million into a 10k load virtually eliminates all gain error.
To maximize common mode rejection, the LT1630/LT1631
employ a patented trim technique for both input stages,
one at the negative supply and the other at the positive
supply, that gives a typical CMRR of 106dB over the full
input range.
TheLT1630/LT1631maintaintheirperformanceforsupplies
from 2.7V to 36V and are specified at 3V, 5V and ±15V
supplies. The inputs can be driven beyond the supplies
withoutdamageorphasereversaloftheoutput.Theoutput
delivers load currents in excess of 35mA.
The LT1630 is available in 8-pin PDIP and SO packages
withthestandarddualopamppinout.TheLT1631features
the standard quad op amp configuration and is available
in a 14-pin plastic SO package. These devices can be used
as plug-in replacements for many standard op amps to
improve input/output range and performance.
Single Supply, 400kHz, 4th Order Butterworth Filter
applicaTions
n
Gain-Bandwidth Product: 30MHz
n
Slew Rate: 10V/µs
n
Low Supply Current per Amplifier: 3.5mA
n
Input Common Mode Range Includes Both Rails
n
Output Swings Rail-to-Rail
n
Input Offset Voltage, Rail-to-Rail: 525µV Max
n
Input Offset Current: 150nA Max
n
Input Bias Current: 1000nA Max
n
Open-Loop Gain: 1000V/mV Min
n
Low Input Noise Voltage: 6nV/√Hz Typ
n
Low Distortion: –91dBc at 100kHz
n
Wide Supply Range: 2.7V to ±15V
n
Large Output Drive Current: 35mA Min
n
Dual in 8-Pin PDIP and SO Packages
n
Quad in Narrow 14-Pin SO Package
n
Active Filters
n
Rail-to-Rail Buffer Amplifiers
n
Driving A/D Converters
n
Low Voltage Signal Processing
n
Battery-Powered Systems
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and C-Load
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
FREQUENCY (Hz)
0.1k
1k
10k
100k
1M
10M
1630/31 TA02
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
VS = 3V, 0V
VIN = 2.5VP-P
Frequency Response
1/2 LT1630
2.32k
VIN
VS/2
VOUT
1630/31 TA01
220pF
2.32k
6.65k
1/2 LT1630
2.74k
22pF
470pF
5.62k
2.74k
47pF


Similar Part No. - LT1631

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1631 LINER-LT1631 Datasheet
356Kb / 16P
30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
logo
Analog Devices
LT1631 AD-LT1631 Datasheet
764Kb / 14P
10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
1797fc
LT1631 AD-LT1631 Datasheet
752Kb / 26P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Rev C
logo
Linear Technology
LT1631CS LINER-LT1631CS Datasheet
356Kb / 16P
30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1631CS LINER-LT1631CS Datasheet
359Kb / 20P
30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
More results

Similar Description - LT1631

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
30MHz Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1630 LINER-LT1630 Datasheet
356Kb / 16P
30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1630 LINER-LT1630_1 Datasheet
359Kb / 20P
30MHz, 10V/關s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1630 LINER-LT1630_15 Datasheet
363Kb / 20P
30MHz, 10V/s, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com