Electronic Components Datasheet Search
  English  ▼

X  

LT1803 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1803
Description  Single/Dual/Quad 100V/s, 85MHz, Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1803 Datasheet(HTML) 5 Page - Linear Technology

  LT1803 Datasheet HTML 1Page - Linear Technology LT1803 Datasheet HTML 2Page - Linear Technology LT1803 Datasheet HTML 3Page - Linear Technology LT1803 Datasheet HTML 4Page - Linear Technology LT1803 Datasheet HTML 5Page - Linear Technology LT1803 Datasheet HTML 6Page - Linear Technology LT1803 Datasheet HTML 7Page - Linear Technology LT1803 Datasheet HTML 8Page - Linear Technology LT1803 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1803/LT1804/LT1805
180345f
The q denotes specifications which apply over the –40
°C ≤ TA ≤ 85°C
temperature range. VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply unless otherwise noted. (Note 5)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V
q
0.7
4
mV
VCM = 0V (DD Package)
q
1.5
6.5
mV
VCM = 0V (SOT-23 Package)
q
1.5
7
mV
VCM = VS
q
1.7
9
mV
∆VOS
Input Offset Shift
VCM = 0V to VS – 2V
q
0.125
1.00
mV
Input Offset Voltage Match
VCM = 0V
q
1
6.5
mV
(Channel-to-Channel) (Note 9)
VCM = 0V (DD Package)
q
29
mV
VOS TC
Input Offset Voltage Drift (Note 8)
q
10
35
µV/°C
IB
Input Bias Current
VCM = 1V
q
200
1500
nA
VCM = VS – 0.2V
q
3.4
6.5
µA
Input Bias Current Match
VCM = 1V
q
150
2000
nA
(Channel-to-Channel) (Note 9)
VCM = VS – 0.2V
q
150
2200
nA
IOS
Input Offset Current
VCM = 1V
q
100
1600
nA
VCM = VS – 0.2V
q
50
1600
nA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
q
12
48
V/mV
VS = 5V, VO = 1.5V to 3.5V, RL = 100Ω to VS/2
q
1.3
4.8
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL=1k to VS/2
q
8
35
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 0V to 3V
q
69
95
dB
VS = 3V, VCM = 0V to 1V
q
60
90
dB
CMRR Match (Channel-to-Channel) (Note 9) VS = 5V, VCM = 0V to 3V
q
63
90
dB
VS = 3V, VCM = 0V to 1V
q
54
85
dB
Input Common Mode Range
q
0VS
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
q
64
86
dB
PSRR Match (Channel-to-Channel) (Note 9)
VS = 2.5V to 10V, VCM = 0V
q
58
86
dB
Minimum Supply Voltage (Note 6)
q
2.3
2.5
V
VOL
Output Voltage Swing Low (Note 7)
No Load
q
20
90
mV
ISINK = 5mA
q
100
250
mV
ISINK = 10mA
q
170
350
mV
VOH
Output Voltage Swing High (Note 7)
No Load
q
20
90
mV
ISOURCE = 5mA
q
170
400
mV
ISOURCE = 10mA
q
300
600
mV
ISC
Short-Circuit Current (Note 3)
VS = 5V
q
12
35
mA
VS = 3V
q
11
27
mA
IS
Supply Current per Amplifier
q
3.1
4.25
mA
GBW
Gain Bandwidth Product
VS = 5V, Frequency = 2MHz, RL = 1k to 2.5V
q
40
77
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k to VS/2, VO = 0.5V to 4.5V q
30
70
V/
µs
Measured at VO = 1.5V, 3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com